Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FR6 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PUSB3FR6
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FR6 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PUSB3FR6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PUSB3FR6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2015
7 of 12
NXP Semiconductors
PUSB3FR6
ESD protection for ultra high-speed interfaces
7.
Package outline
IEC 61000-4-5; tp =8/20 s; positive pulse
IEC 61000-4-5; tp =8/20 s; negative pulse
Fig 10. Dynamic resistance with positive clamping;
typical values
Fig 11. Dynamic resistance with negative clamping;
typical values
VCL (V)
08
6
24
aaa-016890
4
2
6
8
IPP
(A)
0
VCL (V)
-8
0
-2
-6
-4
aaa-016891
-4
-6
-2
0
IPP
(A)
-8
Fig 12. Package outline DFN2111-7 (SOT1358-1)
14-05-07
Dimensions in mm
0.1
0.25
0.15
0.5
0.3
0.5
1.5
1.0
2.20
2.05
0.5
max
0.2
min
0.05 max
0.127
1.2
1.0
1
4
5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com