Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201 Datasheet(PDF) 2 Page - PANAVISE PRODUCTS, INC.

Part # 201
Description  Precision Vise Combinations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

201 Datasheet(HTML) 2 Page - PANAVISE PRODUCTS, INC.

  201 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC. 201 Datasheet HTML 2Page - PANAVISE PRODUCTS, INC. 201 Datasheet HTML 3Page - PANAVISE PRODUCTS, INC. 201 Datasheet HTML 4Page - PANAVISE PRODUCTS, INC. 201 Datasheet HTML 5Page - PANAVISE PRODUCTS, INC. 201 Datasheet HTML 6Page - PANAVISE PRODUCTS, INC. 201 Datasheet HTML 7Page - PANAVISE PRODUCTS, INC. 201 Datasheet HTML 8Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
> Innovative Holding Solutions™
7
+1.800.759.7535
www.panavise.com
All PanaVise 300 series Vises have interchangeable components (see chart page 9). You can easily add another Head (pages 10-12)
or Base Mount (pages 14-15). All PanaVise work holding tools will make your work space more efficient and productive — and they’ll
provide a lifetime of service.
Model 381 Features:
> Our Vacuum Base PanaVise is widely used for portable applications. Simply flip the lever
to activate the rubber base and attach the unit to any smooth, flat, non-porous surface
> Single knob controls head movement through 3-planes:
90° Tilt, 360° Turn & 360° Rotation
> Jaws are 2.5” (63.5mm) wide, 0.5” (12.6mm) tall and open to 2.25” (57.1mm)
> Nylon jaws offer excellent electrical insulation and gentle holding power
[continuous heat tolerance up to 200°F (93°C), intermittent heat to 300°F (149°C)].
Interchangeable jaws available (page 22)
> Base accepts all 300 series Heads and any 5/8” (15.9mm) diameter shaft
> Pad footprint measures 5.125” x 4.25” (130.2mm x 108mm)
> Height: 6.125” (155.6mm), Weight: 2.8 lbs. (1.3kg)
Vacuum Base PanaVise Model 381
The world’s most PORTABLE work holding tool for hobbies,
electronics and small home repairs!
Model 301 Features:
> The easy-to-use single knob controls head movement through 3-planes:
90° Tilt, 360° Turn & 360° Rotation
> Jaws are 2.5” (63.5mm) wide, 0.5” (12.6mm) tall and open to 2.25” (57.1mm)
> Nylon jaws offer excellent electrical insulation and gentle holding power
[continuous heat tolerance up to 200°F (93°C), intermittent heat to 300°F (149°C)].
Interchangeable jaws available (page 22)
> Base accepts all 300 series Heads and any 5/8” (15.9mm) diameter shaft
> Base features 4.3125” (109.5 mm) bolt circle countersunk for three 1/4” (6.3mm)
flat-head screws (not included)
> Height: 6.25” (171.4mm), Weight: 2.7 lbs. (1.2kg)
Standard PanaVise Model 301
The ORIGINAL work holding tool for hobbies, electronics,
small home repairs and work bench environments!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com