Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VB Datasheet(PDF) 3 Page - IDEC Corporation

Part # PS5R-VB
Description  Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-VB Datasheet(HTML) 3 Page - IDEC Corporation

  PS5R-VB Datasheet HTML 1Page - IDEC Corporation PS5R-VB Datasheet HTML 2Page - IDEC Corporation PS5R-VB Datasheet HTML 3Page - IDEC Corporation PS5R-VB Datasheet HTML 4Page - IDEC Corporation PS5R-VB Datasheet HTML 5Page - IDEC Corporation PS5R-VB Datasheet HTML 6Page - IDEC Corporation PS5R-VB Datasheet HTML 7Page - IDEC Corporation PS5R-VB Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CHARACTERISTICS
Operating Temperature vs. Output Current (Derating Curves)
Conditions: Natural air cooling (Operating temperature is the temperature around the switching power supply.)
PS5R-VB05, -VB12, -VB24
PS5R-VC12
PS5R-VC24
Mounting A
Mounting B, C, D, E, F
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Input Voltage:
85-100V AC
Operating Temperature (˚C)
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Mounting A
Mounting B, C, D, E, F
Input Voltage:
85-100V AC
Operating Temperature (˚C)
Mounting A, B
Mounting C
Mounting D, E, F
Input Voltage:
85-100V AC
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Operating Temperature (˚C)
PS5R-VD24
PS5R-VE24
PS5R-VF24
Mounting E
Input Voltage:
85-100V AC
Mounting F
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Mounting B, C, D
Mounting A
Operating Temperature (˚C)
Mounting E
Mounting
B, C, D, F
Mounting A
Operating Temperature (˚C)
-30 -20 -10
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Mounting F
Mounting C, E
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Mounting B, D
Mounting A
Operating Temperature (˚C)
PS5R-VG24
Mounting E
Mounting B
Mounting
C, D, F
Mounting A
Operating Temperature (˚C)
-30 -20 -10 0 10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Input Voltage vs. Output Current (Derating Curves)
PS5R-VB05, -VB12, VB24, -VC12,
-VC24, -VD24, -VE24, -VF24
PS5R-VG24
85 100
264
100
(ACV)
(DCV)
140
370
0
10
20
30
40
50
60
70
80
90
100
Input Voltage (V)
Input voltage (V)
85
264
0
10
20
30
40
50
60
70
80
90
100
DC
AC
(ACV)
100
(DCV)
105
100
370
Overcurrent Protection Characteristics
PS5R-VB/VC/VD/VF
PS5R-VE24
PS5R-VG24
-30 0
100
105 and over
0
100
Output Current (%)
0
0
100
95
100
101 and over
Output Current (%)
Intermittent Operation
0
0
100
95
100
105 and over
Output Current (%)
Intermittent Operation
(Ta=25ºC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com