Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4479B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4479B
Description  UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 5VDC 10.5 WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4479B Datasheet(HTML) 1 Page - TT Electronics.

  SW4479B Datasheet HTML 1Page - TT Electronics. SW4479B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNITED KINGDOM 3-PIN PLUG-IN
POWER SUPPLY 5VDC 10.5 WATT
POWERPAX: SW4479B
© TT Electronics plc
ISS.5 13/12/2022 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
United Kingdom Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our Range of Class II 10.5 watt AC/DC United Kingdom plug-in power supplies provide 10.5 watts of continuous power in a
compact fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4479B
Input Voltage Range
90-264Vac
Input Frequency Range
50-60Hz
Input Current Rated
0.5A max
Output Voltage Rating
5V
Output Current Range
2.1A
Output Min Current
0.0A
Output Connection Type
Female standard type USB
Total Output Regulation
+/- 5%
Line and Load Regulation
+/- 5%
Ripple & Noise
120mVp-p
Efficiency
79.04%
Over Voltage Protection
The output voltage shall be clamped by internal protection.
Over Current Protection
The power supply will be protection when output power ≤ 3A of
all rated dc output.
Short-circuit Protection
The adapter shall not be damaged by short the DC output to
Ground.
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000VAC 5mA 1min
Leakage Current
0.25mA max
Safety Standard
CE, EN62368-1
EMI Standard
FCC part 15: Class B
EN55032, EN55035, EN61000-3-2, EN61000-3-3
MTBF
30K Hours
Size mm max.
49.14(L) x 43.14(W) x 34.5(H)
Weight
60g


Similar Part No. - SW4479B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4478B TTELEC-SW4478B Datasheet
360Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 10.5WATT
29/05/2020
More results

Similar Description - SW4479B

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
AC-C13-UK CUI-AC-C13-UK Datasheet
163Kb / 2P
3 PRONG AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com