Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM6 Datasheet(PDF) 3 Page - Pentair plc. All rights reserved.

Part # ASM6
Description  VELCRO ® CABLE WRAP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

ASM6 Datasheet(HTML) 3 Page - Pentair plc. All rights reserved.

  ASM6 Datasheet HTML 1Page - Pentair plc. All rights reserved. ASM6 Datasheet HTML 2Page - Pentair plc. All rights reserved. ASM6 Datasheet HTML 3Page - Pentair plc. All rights reserved. ASM6 Datasheet HTML 4Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mounting Accessories Fasteners
Spec-00751 D
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
Accessories
3
ProLine™ FAstener PAcKAges
Use to fasten components to the
grid system. PGF Packages include
20 front-loading clip nuts (M6) and
20 combination-drive washer-head
bolts (M6).
Grounding Package is used with the
rectangular holes in the PROLINE™
frame to provide electrical
continuity between the frame and
the grid system. ASM5T Package is
used with PROLINE frames having
round holes. Package includes 20
M5 self-tapping screws.
BULLETIN: DACCY, P20
Catalog Number Description
Use in
Pkg. Qty.
ASM5T
M5 x 12 mm thread-forming Phillips hex head screws
Round holes
20
PGFM6
Standard Package - M6 cage nuts and bolts
Rectangular holes 20
PGFGM6
Grounding Package - M6 grounding cage nuts and bolts Tapped holes
20
FAstener PAcKAge
Kit includes a set of 8 cage nuts and
screws. Used to mount 19-in. rack
equipment to 9-mm square holes in
uprights. Cage nuts are metric (M6).
Screws are pan head Phillips metric
M6x16.
BULLETIN: DACCY, DEC1
Catalog Number
Color
Description
ELRFM6
No longer available
ECNSM6
Silver
M6 x 16 pan head posidrive screws.
M6 cage nuts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com