Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT373 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74ACT373
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT373 Datasheet(HTML) 4 Page - STMicroelectronics

  74ACT373 Datasheet HTML 1Page - STMicroelectronics 74ACT373 Datasheet HTML 2Page - STMicroelectronics 74ACT373 Datasheet HTML 3Page - STMicroelectronics 74ACT373 Datasheet HTML 4Page - STMicroelectronics 74ACT373 Datasheet HTML 5Page - STMicroelectronics 74ACT373 Datasheet HTML 6Page - STMicroelectronics 74ACT373 Datasheet HTML 7Page - STMicroelectronics 74ACT373 Datasheet HTML 8Page - STMicroelectronics 74ACT373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC SPECIFICATIONS
Symbol
Parameter
Test Con dition s
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
VIH
High Level Input Voltage
4.5
VO = 0.1 V or
VCC - 0.1 V
2.0
1.5
2.0
V
5.5
2.0
1.5
2.0
VIL
Low Level Input Voltage
4.5
VO = 0.1 V or
VCC - 0.1 V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
High Level Output
Voltage
4.5
VI
(*) =
VIH or
VIL
IO=-50
µA
4.4
4.49
4.4
V
5.5
IO=-50
µA
5.4
5.49
5.4
4.5
IO=-24 mA
3.86
3.76
5.5
IO=-24 mA
4.86
4.76
VOL
Low Level Output
Voltage
4.5
VI
(*) =
VIH or
VIL
IO=50
µA
0.001
0.1
0.1
V
5.5
IO=50 mA
0.001
0.1
0.1
4.5
IO=24 mA
0.36
0.44
5.5
IO=24 mA
0.36
0.44
II
Input Leakage Current
5.5
VI =VCC or GND
±0.1
±1
µA
IOZ
3 State Output Leakage
Current
5.5
VI =VIH or VIL
VO =VCC or GND
±0.5
±5
µA
ICCT
Max ICC /Input
5.5
VI =VCC -2.1 V
0.6
1.5
mA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
8
80
µA
IOLD
Dynamic Output Current
(note 1, 2)
5.5
VOLD = 1.65 V max
75
mA
IOHD
VOHD = 3.85 V min
-75
mA
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω.
(*) All outputs loaded.
74ACT373
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com