Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA404 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA404
Description  Quad High-Speed Precision Difet ® OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA404 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA404 Datasheet HTML 8Page - Texas Instruments OPA404 Datasheet HTML 9Page - Texas Instruments OPA404 Datasheet HTML 10Page - Texas Instruments OPA404 Datasheet HTML 11Page - Texas Instruments OPA404 Datasheet HTML 12Page - Texas Instruments OPA404 Datasheet HTML 13Page - Texas Instruments OPA404 Datasheet HTML 14Page - Texas Instruments OPA404 Datasheet HTML 15Page - Texas Instruments OPA404 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
OPA404AG
NRND
Production
CDIP SB (JD) | 14
24 | TUBE
Yes
Call TI
N/A for Pkg Type
-
OPA404AG
OPA404AG.A
NRND
Production
CDIP SB (JD) | 14
24 | TUBE
Yes
Call TI
N/A for Pkg Type
0 to 70
OPA404AG
OPA404BG
NRND
Production
CDIP SB (JD) | 14
24 | TUBE
Yes
Call TI
N/A for Pkg Type
-
OPA404BG
OPA404BG.A
NRND
Production
CDIP SB (JD) | 14
24 | TUBE
Yes
Call TI
N/A for Pkg Type
0 to 70
OPA404BG
OPA404KP
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-
OPA404KP
OPA404KP.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
OPA404KP
OPA404KPG4
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
See OPA404KP
OPA404KP
OPA404KU
Active
Production
SOIC (DW) | 16
40 | TUBE
Yes
NIPDAU-DCC
Level-3-260C-168 HR
0 to 70
OPA404KU
OPA404KU.A
Active
Production
SOIC (DW) | 16
40 | TUBE
Yes
NIPDAU-DCC
Level-3-260C-168 HR
0 to 70
OPA404KU
OPA404KU/1K
Active
Production
SOIC (DW) | 16
1000 | LARGE T&R
Yes
NIPDAU-DCC
Level-3-260C-168 HR
0 to 70
OPA404KU
OPA404KU/1K.A
Active
Production
SOIC (DW) | 16
1000 | LARGE T&R
Yes
NIPDAU-DCC
Level-3-260C-168 HR
0 to 70
OPA404KU
OPA404SG
NRND
Production
CDIP SB (JD) | 14
24 | TUBE
Yes
AU
N/A for Pkg Type
-
OPA404SG
OPA404SG.A
NRND
Production
CDIP SB (JD) | 14
24 | TUBE
Yes
AU
N/A for Pkg Type
0 to 70
OPA404SG
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com