Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA680 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA680
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA680 Datasheet(HTML) 2 Page - Texas Instruments

  OPA680 Datasheet HTML 1Page - Texas Instruments OPA680 Datasheet HTML 2Page - Texas Instruments OPA680 Datasheet HTML 3Page - Texas Instruments OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
8
7
6
5
+V
S
OutB
-
InB
+InB
OutA
-
InA
+InA
-
V
S
OPA2652
C52
Pin1
TopView
SO-8
SOT23-8
SOT23-8Marking/PinOrientation
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA2652U
Rails
OPA2652U
SO-8
D
–40
°C to +85°C
OPA2652U
OPA2652U/2K5
Tape and Reel, 2500
OPA2652E/250
Tape and Reel, 250
OPA2652E
SOT23-8
DCN
–40
°C to +85°C
C52
OPA2652E/3K
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
OPA2652
UNIT
Supply voltage
±6.5
V
Internal power dissipation
See Thermal Characteristics
Differential input voltage
±1.2
V
Input voltage range
±V
S
V
Storage temperature range
–40 to +125
°C
Lead temperature (SO-8)
+260
°C
Junction temperature, TJ
+175
°C
ESD rating:
Human body model
2000
V
Machine model
200
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PIN CONFIGURATION
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com