Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA541AM Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA541AM
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541AM Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA541AM Datasheet HTML 9Page - Texas Instruments OPA541AM Datasheet HTML 10Page - Texas Instruments OPA541AM Datasheet HTML 11Page - Texas Instruments OPA541AM Datasheet HTML 12Page - Texas Instruments OPA541AM Datasheet HTML 13Page - Texas Instruments OPA541AM Datasheet HTML 14Page - Texas Instruments OPA541AM Datasheet HTML 15Page - Texas Instruments OPA541AM Datasheet HTML 16Page - Texas Instruments OPA541AM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
0.1µF
OPA541
0.1µF
V
O
+60V
–8V
DAC80-CBI-I
0–2mA
25kΩ
0.3Ω
0–50V
*
* Protects DAC
During Slewing
OPA541
Ω
0.1
Ω
100k
R
2
Ω
10k
R
1
V
IN
20pF
L
Ω
OPA541
0.1
Slave
A = –R /R
= –10
V
2
1
Master
Ω
10k
20pF
OPA541
www.ti.com
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
Typical Applications (continued)
Figure 15. Paralleled Operation, Extended SOA
8.2.2.1 Design Requirements
Design requirements for the parallel connection in Figure 15 are shown here. The maximum current available
from a single OPA541 cannot exceed 10 A:
•
Gain from input to output of –10
•
Current capability of > 15 A
•
Short to ground on ±15-V supply rails at 25°C case temperature
8.2.3 Programmable Voltage Source
The programmable voltage source of Figure 16 uses the OPA541 as a current-to-voltage converter for a current
output DAC (digital-to-analog converter). The diodes clamp any differential input voltages to safe levels for the
OPA541. The OPA541 provides the gain to produce the desired output.
Figure 16. Programmable Voltage Source
8.2.3.1 Design Requirements
Design requirements for Figure 16:
•
Convert 0 to –2-mA current input to 0-V to 50-V output voltage
•
Current capability of > 2.5 A
•
Protection of current output DAC during fast slew
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com