Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG112 Datasheet(PDF) 7 Page - Texas Instruments

Part # LOG112
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG112 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LOG112 Datasheet HTML 3Page - Texas Instruments LOG112 Datasheet HTML 4Page - Texas Instruments LOG112 Datasheet HTML 5Page - Texas Instruments LOG112 Datasheet HTML 6Page - Texas Instruments LOG112 Datasheet HTML 7Page - Texas Instruments LOG112 Datasheet HTML 8Page - Texas Instruments LOG112 Datasheet HTML 9Page - Texas Instruments LOG112 Datasheet HTML 10Page - Texas Instruments LOG112 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
OPA380
OPA2380
SBOS291G − NOVEMBER 2003 − REVISED SEPTEMBER 2007
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
All specifications at TA = +25°C, RL = 2kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
C
F
Circuit for Transimpedance Amplifier Characteristic curves on this page.
R
F
C
DIODE
OPA380
C
STRAY
TRANSIMPEDANCE AMP CHARACTERISTIC
100
140
130
120
110
100
90
80
70
60
50
40
30
20
1k
10k
100k
1M
10M
100M
Frequency (Hz)
R
F =10MΩ
C
STRAY (parasitic) = 0.2pF
C
DIODE = 100pF
R
F =1MΩ
C
F =0.5pF
R
F =100kΩ
R
F = 10kΩ
R
F =1kΩ
C
F = 2pF
C
F = 5pF
C
F =18pF
TRANSIMPEDANCE AMP CHARACTERISTIC
100
140
130
120
110
100
90
80
70
60
50
40
30
20
1k
10k
100k
1M
10M
100M
Frequency (Hz)
R
F =10MΩ
R
F =1MΩ
C
F =0.5pF
R
F =100kΩ
R
F = 10kΩ
R
F =1kΩ
C
F =1.5pF
C
F = 4pF
C
F =12pF
C
STRAY (parasitic) = 0.2pF
C
DIODE = 50pF
TRANSIMPEDANCE AMP CHARACTERISTIC
100
140
130
120
110
100
90
80
70
60
50
40
30
1k
10k
100k
1M
10M
100M
Frequency (Hz)
R
F =10MΩ
R
F =1MΩ
R
F =100kΩ
R
F = 10kΩ
R
F =1kΩ
C
F =1pF
C
F = 2.5pF
C
F = 7pF
C
STRAY (parasitic) = 0.2pF
C
DIODE = 20pF
TRANSIMPEDANCE AMP CHARACTERISTIC
100
140
130
120
110
100
90
80
70
60
50
40
30
1k
10k
100k
1M
10M
100M
Frequency (Hz)
R
F =10MΩ
R
F =1MΩ
R
F =100kΩ
R
F = 10kΩ
R
F =1kΩ
C
F = 0.5pF
C
F = 2pF
C
F = 5pF
C
STRAY (parasitic) = 0.2pF
C
DIODE =10pF
TRANSIMPEDANCE AMP CHARACTERISTIC
100
140
130
120
110
100
90
80
70
60
50
40
1k
10k
100k
1M
10M
100M
Frequency (Hz)
R
F = 10MΩ
R
F =1MΩ
R
F =100kΩ
R
F = 10kΩ
R
F =1kΩ
C
F =0.5pF
C
F =1pF
C
F =2.5pF
C
STRAY (parasitic) = 0.2pF
C
DIODE =1pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com