Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA698 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA698
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698 Datasheet(HTML) 2 Page - Texas Instruments

  OPA698 Datasheet HTML 1Page - Texas Instruments OPA698 Datasheet HTML 2Page - Texas Instruments OPA698 Datasheet HTML 3Page - Texas Instruments OPA698 Datasheet HTML 4Page - Texas Instruments OPA698 Datasheet HTML 5Page - Texas Instruments OPA698 Datasheet HTML 6Page - Texas Instruments OPA698 Datasheet HTML 7Page - Texas Instruments OPA698 Datasheet HTML 8Page - Texas Instruments OPA698 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Power supply
±6.5 V
VICM
Common-mode input voltage
±VS
VID
Differential input voltage
±VS
Limiter voltage range
±(VS - 0.7 V)
TA
Operating free-air temperature range
-55°C to 125°C
Tstg
Storage temperature range
-65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300°C
TJ
Junction temperature
150°C
θ
JC
Package thermal impedance(2) (JD Package)
14.5°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The package thermal impedance is measured per MIL-STD-883, Method 1012.1.
MIN
NOM
MAX
UNIT
Split-rail operation
±5
±6
Operating voltage
V
Single-supply operation
5
12
Operating free-air temperature
–55
125
°C
V
S = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE (see Figure 47)
VO < 0.2 Vp-p, G = +1, RF = 25 Ω
450
Small signal bandwidth
VO < 0.2 Vp-p, G = +2
215
MHz
VO < 0.2 Vp-p, G = –1
215
Gain-bandwidth product (G
≥ 5)
VO < 0.2 Vp-p
250
MHz
Bandwidth for 0.1-dB gain flatness
VO = 0.2 V
30
MHz
Gain peaking
VO < 0.2 Vp-p, G = +1, RF = 25 Ω
5
dB
Large signal bandwidth
VO = 4 Vp-p, VH = –VL = 2.5 V
160
MHz
Slew rate
4 V step, VH = –VL = 2.5 V
1100
V/µs
Rise and fall time
0.2 V step
1.6
ns
Settling time to 0.05%
2 V step
8
ns
Second harmonic distortion
VO = 2 Vp-p, f = 5 MHz
–74
dB
Third harmonic distortion
VO = 2 Vp-p, f = 5 MHz
–87
dB
Differential gain
RL = 500 Ω, NTSC, PAL
0.012%
Differential phase
RL = 500 Ω, NTSC, PAL
0.008
°
Input noise, voltage noise density
f
≥ 1 MHz
5.6
nV/
√Hz
Input noise, current noise density
f
≥ 1 MHz
2.2
pA/
√Hz
(1)
All typical limits are at TA = 25°C unless otherwise specified.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com