Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA698 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA698
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 9Page - Texas Instruments OPA698 Datasheet HTML 10Page - Texas Instruments OPA698 Datasheet HTML 11Page - Texas Instruments OPA698 Datasheet HTML 12Page - Texas Instruments OPA698 Datasheet HTML 13Page - Texas Instruments OPA698 Datasheet HTML 14Page - Texas Instruments OPA698 Datasheet HTML 15Page - Texas Instruments OPA698 Datasheet HTML 16Page - Texas Instruments OPA698 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
OPA699
13
SBOS261D
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
TA = +25°C, G = +6, RF = 750Ω, and RL = 500Ω to VCM = +2.5V, VL = VCM – 1.2V, VH = VCM + 1.2V, unless otherwise noted.
9
6
3
0
–3
–6
–9
–12
–15
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.5VPP
G = +12
See Figure 2
G = +20
G = +4
G = +6
6
3
0
–3
–6
–9
–12
–15
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.5VPP
G = –6
G = –12
G = –4
See Figure 3
18
15
12
9
6
3
0
LARGE-SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
0.1
10M
100M
1G
V
LIM = VH = −VL
V
O = 3VPP,
V
LIM = VCM ± 2.0V
V
O = 1VPP,
V
LIM = VCM
± 1.2V
V
O = 2VPP,
V
LIM = VCM
± 1.5V
See Figure 2
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
G = +6
See Figure 2
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
G = +6
See Figure 2
V
H and VL—LIMITED PULSE RESPONSE
Time (20ns/div)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
V
IN
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com