Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA832IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA832IDBVT
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA832IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA832IDBVT Datasheet HTML 4Page - Texas Instruments OPA832IDBVT Datasheet HTML 5Page - Texas Instruments OPA832IDBVT Datasheet HTML 6Page - Texas Instruments OPA832IDBVT Datasheet HTML 7Page - Texas Instruments OPA832IDBVT Datasheet HTML 8Page - Texas Instruments OPA832IDBVT Datasheet HTML 9Page - Texas Instruments OPA832IDBVT Datasheet HTML 10Page - Texas Instruments OPA832IDBVT Datasheet HTML 11Page - Texas Instruments OPA832IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = +5V
At TA = 25°C, G = +2, and RL = 150Ω to VCM = 2V, unless otherwise noted (see Figure 1).
3
0
−3
−6
−9
−12
−15
SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
400
G=
−1
G= +2
V
O =0.2VPP
R
L = 150Ω
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
SMALL−SIGNAL PULSE RESPONSE
Time (10ns/div)
G= +2V/V
R
L = 150Ω
V
O =0.2VPP
40
35
30
25
20
15
10
5
0
REQUIRED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1k
1dB Peaking Targeted
3
0
−3
−6
−9
−12
−15
LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
400
V
O =2VPP
V
O =1VPP
V
O =0.5VPP
R
L =150Ω
G = +2V/V
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
LARGE−SIGNAL PULSE RESPONSE
Time (10ns/div)
G= +2V/V
R
L =150Ω
V
O =2VPP
3
0
−3
−6
−9
−12
−15
−18
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
300
C
L = 1000pF
C
L = 100pF
C
L = 10pF
RS
1k
Ω(1)
VI
CL
NOTE: (1) 1k
Ω is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com