Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1608 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM1608
Description  24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1608 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 30Page - Texas Instruments PCM1608 Datasheet HTML 31Page - Texas Instruments PCM1608 Datasheet HTML 32Page - Texas Instruments PCM1608 Datasheet HTML 33Page - Texas Instruments PCM1608 Datasheet HTML 34Page - Texas Instruments PCM1608 Datasheet HTML 35Page - Texas Instruments PCM1608 Datasheet HTML 36Page - Texas Instruments PCM1608 Datasheet HTML 37Page - Texas Instruments PCM1608 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
www.ti.com
–
PCM1608
A
V + *
R
2
R
1
VCOM
OPA2134
+
2
3
1
C1
R3
R2
C2
R1
C3
10
µF
+
S0056-03
R4
+
OPA337
−
To Additional
Low-Pass
Filter Circuits
VOUT
VIN
PCB LAYOUT GUIDELINES
Digital Logic
and
Audio
Processor
Digital Power
+VD
DGND
Digital Section
Analog Section
Return Path for Digital Signals
Analog Power
+VS
AGND
−VS
+5VA
Digital
Ground
Analog
Ground
Output
Circuits
PCM1608
AGND
VCC
VDD
DGND
REG
B0031-04
PCM1608
SBAS164B – DECEMBER 2000 – REVISED JULY 2005
APPLICATION INFORMATION (continued)
Figure 33. Single-Supply Filter Circuit
A typical PCB floor plan for the PCM1608 is shown in Figure 34. A ground plane is recommended, with the
analog and digital sections being isolated from one another using a split or cut in the circuit board. The PCM1608
should be oriented with the digital I/O pins facing the ground plane split/cut to allow for short, direct connections
to the digital audio interface and control signals originating from the digital section of the board.
Figure 34. Recommended PCB Layout
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com