Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APTR Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1609APTR
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APTR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1609APTR Datasheet HTML 9Page - Texas Instruments PCM1609APTR Datasheet HTML 10Page - Texas Instruments PCM1609APTR Datasheet HTML 11Page - Texas Instruments PCM1609APTR Datasheet HTML 12Page - Texas Instruments PCM1609APTR Datasheet HTML 13Page - Texas Instruments PCM1609APTR Datasheet HTML 14Page - Texas Instruments PCM1609APTR Datasheet HTML 15Page - Texas Instruments PCM1609APTR Datasheet HTML 16Page - Texas Instruments PCM1609APTR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
www.ti.com
POWER-ON AND EXTERNAL RESET FUNCTIONS
Reset
Reset Removal
VDD
2.4 V
2 V
1.6 V
Internal Reset
System Clock
T0014-08
0 V
Don’t Care
1024 System Clocks
Reset Removal
1024 System Clocks
RST
Internal Reset
System Clock
Reset
T0015-06
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
The PCM1609A includes a power-on reset function (see Figure 20). With the system clock active, and VDD > 2 V
(typical, 1.6 V to 2.4 V), the power-on reset function is enabled. The initialization sequence requires 1024 system
clocks from the time VDD > 2 V. After the initialization period, the PCM1609A is set to its reset default state, as
described in the Mode Control Registers section of this data sheet.
The PCM1609A also includes an external reset capability using the RST input (pin 37). This allows an external
controller or master reset circuit to force the PCM1609A to initialize to its reset default state. For normal
operation, RST should be set to a logic 1.
The external reset operation and timing is shown in Figure 21. The RST pin is set to logic-0 for a minimum of
20 ns. After the initialization sequence is completed, the PCM1609A is set to its reset default state, as described
in the Mode Control Registers section of this data sheet.
During the reset period (1024 system clocks), the analog outputs are forced to the bipolar zero level (or VCC/2).
After the reset period, the internal registers are initialized in the next 1/fS period and, if SCKI, BCK, and LRCK
are provided continuously, the PCM1609A provides proper analog output with the group delay time given in the
Electrical Characteristics section of this data sheet.
The external reset is especially useful in applications where there is a delay between PCM1609A power up and
system-clock activation. In this case, the RST pin should be held at a logic-0 level until the system clock has
been activated.
Figure 20. Power-On Reset Timing
Figure 21. External Reset Timing
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com