Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT574 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT574
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT574 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT574 Datasheet HTML 1Page - STMicroelectronics 74ACT574 Datasheet HTML 2Page - STMicroelectronics 74ACT574 Datasheet HTML 3Page - STMicroelectronics 74ACT574 Datasheet HTML 4Page - STMicroelectronics 74ACT574 Datasheet HTML 5Page - STMicroelectronics 74ACT574 Datasheet HTML 6Page - STMicroelectronics 74ACT574 Datasheet HTML 7Page - STMicroelectronics 74ACT574 Datasheet HTML 8Page - STMicroelectronics 74ACT574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74ACT574
OCTAL D-TYPE FLIP FLOP
WITH 3 STATE OUTPUT NON INVERTING
®
February 2000
s
HIGH SPEED:
fMAX = 250 MHz (TYP.) at VCC = 3.3V
s
LOW POWER DISSIPATION:
ICC =8
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN), VIL = 0.8V (MAX)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 574
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The ACT574 is an advanced high-speed CMOS
OCTAL D-TYPE FLIP FLOP with 3 STATE
OUTPUT
NON
INVERTING
fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
These 8 bit D-Type flip-flops are controlled by a
clock input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to logic state that were setup
at the D inputs.
While the (OE) input is low, the 8 outputs will be
in a normal logic state (high or low logic level)
and while high level the outputs will be in a high
impedance state.
The output control does not affect the internal
operation of flip flop; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
The device is designed to interface directly High
Speed CMOS system with TTL and NMOS
components.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
SOP
DIP
TSSOP
ORDER CODES
PACKAGE
T UBE
T & R
DIP
M74ACT574B
SOP
M74ACT574M
M74ACT574MTR
TSSOP
M74ACT574TTR
1/11


Similar Part No. - 74ACT574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT574 FAIRCHILD-74ACT574 Datasheet
100Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74ACT574 ONSEMI-74ACT574 Datasheet
115Kb / 10P
Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74ACT574 FAIRCHILD-74ACT574 Datasheet
115Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
74ACT574 FAIRCHILD-74ACT574 Datasheet
116Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
Silicon Supplies
74ACT574 SS-74ACT574 Datasheet
908Kb / 6P
Advanced CMOS TTL Input
More results

Similar Description - 74ACT574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC374 STMICROELECTRONICS-74AC374 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74VHC374 STMICROELECTRONICS-74VHC374 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC574 STMICROELECTRONICS-74VHC574 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHCT374A STMICROELECTRONICS-74VHCT374A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
74VHCT574A STMICROELECTRONICS-74VHCT574A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Aug-1999
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
STMicroelectronics
M74HC574 STMICROELECTRONICS-M74HC574 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com