Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 17Page - Microchip Technology LAN9252 Datasheet HTML 18Page - Microchip Technology LAN9252 Datasheet HTML 19Page - Microchip Technology LAN9252 Datasheet HTML 20Page - Microchip Technology LAN9252 Datasheet HTML 21Page - Microchip Technology LAN9252 Datasheet HTML 22Page - Microchip Technology LAN9252 Datasheet HTML 23Page - Microchip Technology LAN9252 Datasheet HTML 24Page - Microchip Technology LAN9252 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 21
LAN9252
Note 6:
A series terminating resistor is recommended for the best PCB signal integrity.
Note 7:
An external supplemental pull-up may be needed, depending upon the input current loading of the external
MAC/PHY device.
Note 8:
Configuration strap pins are identified by an underlined symbol name. Configuration strap values are
latched on power-on reset or RST# de-assertion. Refer to Section 7.0, "Configuration Straps," on page 51
for more information.
TABLE 3-6:
ETHERCAT MII PORT & CONFIGURATION STRAP PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
25 MHz Clock
MII_CLK25
VO12
Note 6
This pin is a free-running 25 MHz clock that can be
used as the clock input to the PHY.
4
Receive Data
MII Port
MII_RXD[3:0]
VIS
(PD)
These pins are the receive data from the external
PHY.
1
Receive Data
Valid MII Port
MII_RXDV
VIS
(PD)
This pin is the receive data valid signal from the
external PHY.
1
Receive Error
MII Port
MII_RXER
VIS
(PD)
This pin is the receive error signal from the external
PHY.
1
Receive Clock
MII Port
MII_RXCLK
VIS
(PD)
This pin is the receive clock from the external PHY.
4
Transmit Data
MII Port
MII_TXD[3:0]
VO8
These pins are the transmit data to the external
PHY.
MII Transmit
Timing Shift
Configuration
Strap
TX_SHIFT[1:0]
VIS
(PU)
Note 7
These straps configure the value of the external MII
Bus TX timing shift hard-strap. See Note 8.
TX_SHIFT[1] is on MII_TXD[3] and TX_SHIFT[0]
is on MII_TXD[2].
1
Transmit Data
Enable MII Port
MII_TXEN
VO8
This pin is the transmit data enable signal to the
external PHY.
1
Link Status
MII Port
MII_LINK
VIS
This pin is the provided by the PHY to indicate that a
100 Mbit/s Full Duplex link is established. The polar-
ity is configurable via the link_pol_strap_mii strap.
1
SMI Clock
MII_MDC
VO8
This pin is the serial management clock to the exter-
nal PHY.
1SMI Data
MII_MDIO
VIS/VO8
This pin is the serial management interface data
input/output to the external PHY.
Note:
An external pull-up is required to ensure
that the non-driven state of the MDIO
signal is a logic one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com