Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1607BDR2G. Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCP1607BDR2G.
Description  Cost Effective Power Factor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1607BDR2G. Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCP1607BDR2G. Datasheet HTML 15Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 16Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 17Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 18Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 19Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 20Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 21Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 22Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 23Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
NCP1607
www.onsemi.com
21
BOOST DESIGN EQUATIONS Components are identified in Figure 1
RMS Input Current
Iac
+
P
OUT
h @ Vac
h (the efficiency of only the Boost
PFC stage) is generally in the range
of 90 − 95%
Maximum Inductor Peak
Current
I
pk(MAX) +
2
@ 2 @ P
OUT
h @ Vac
LL
Where VacLL is the minimum line in-
put voltage. Ipk(MAX) occurs at the
lowest line voltage.
Inductor Value
L
v
2
@ Vac2 @
V
OUT
2
* Vac
V
OUT @ Vac @ Ipk(MAX) @ fSW(min)
fSW(MIN) is the minimum desired
switching frequency. The maximum L
must be calculated at low line and
high line.
Maximum On Time
t
on(MAX) +
2
@ L @ P
OUT
h @ Vac
LL
2
The maximum on time occurs at the
lowest line voltage and maximum
output power.
Off Time
t
off +
ton
V
OUT
Vac
@sin(q)@ 2
* 1
The off time is greatest at the peak of
the ac line voltage and approaches
zero at the ac line zero crossings.
Theta (
q) represents the angle of the
ac line voltage.
Frequency
f
SW +
Vac 2
@ h
2
@ L @ P
OUT
@ 1 *
Vac
@ |sin q| @ 2
V
OUT
Pin 3 Capacitor
Ct
w
2
@ P
OUT @ L @ ICHARGE
h @ Vac 2 @ V
CTMAX
ICHARGE and VCTMAX are given in
the NCP1607 specification table.
Boost Turns to ZCD Turns
Ratio
N
B :NZCD v
V
OUT * VacHL @
2
V
ZCDH
Where VacHL is the maximum line
input voltage. The turns ratio must be
low enough so as to trigger the ZCD
comparators at high line.
Resistor from ZCD wind-
ing to the ZCD pin (pin 5)
R
ZCD w
Vac
HL @
2
I
CL(NEG) @ (NB :NZCD)
RZCD must be large enough so that
the shutdown comparator is not inad-
vertently activated.
Boost Output Voltage
V
OUT + VREF @
R
OUT1 ) REQ
R
EQ
R
EQ +
R
OUT2 @ RFB
R
OUT2 ) RFB
Maximum VOUT voltage
prior to OVP activation and
the necessary ROUT1 and
ROUT2.
V
OUT(OVP) + VOUT ) IOVP @ ROUT1
R
OUT1 +
V
OUT(OVP) * VOUT
I
OVP
R
EQ + ROUT1 @
V
REF
V
OUT * VREF
R
OUT2 +
R
EQ ) RFB
R
FB * REQ
IOVP is given in the NCP1607 spe-
cification table.
Minimum output voltage
necessary to exit under-
voltage protection (UVP)
V
OUT(UVP) + VUVP @
R
OUT1 ) REQ
R
EQ
VUVP is given in the NCP1607 spe-
cification table.
Bulk Cap Ripple
V
ripple(pk−pk) +
P
OUT
C
BULK @ 2 @ p @ fline @ VOUT
Use fline = 47 Hz for worst case at
universal lines. The ripple must not
exceed the OVP level for VOUT.
Inductor RMS Current
I
L(RMS) +
2
@ P
OUT
3
@ Vac
LL @ h
Boost Diode RMS Current
I
D(RMS)MAX +
4
3
@
2
@ 2
p @
P
OUT
h @ Vac
LL @ VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com