Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 207 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 207 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 203Page - Microchip Technology LAN9252V/ML Datasheet HTML 204Page - Microchip Technology LAN9252V/ML Datasheet HTML 205Page - Microchip Technology LAN9252V/ML Datasheet HTML 206Page - Microchip Technology LAN9252V/ML Datasheet HTML 207Page - Microchip Technology LAN9252V/ML Datasheet HTML 208Page - Microchip Technology LAN9252V/ML Datasheet HTML 209Page - Microchip Technology LAN9252V/ML Datasheet HTML 210Page - Microchip Technology LAN9252V/ML Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 207
LAN9252
Note 3:
Timing is designed for a system load between 10 pF and 25 pF.
12.9.7.2
Back-to-Back MII Connection Timing
With the previously listed MII TX and RX timings, back-to-back connections should use a TX shift value of 3 or 0.
FIGURE 12-8:
MII RX TIMING
TABLE 12-5:
MII RX TIMING VALUES
Symbol
Description
Min
Max
Units
Notes
tclkp
MII_RXCLK period
40
-
ns
tclkh
MII_RXCLK high time
tclkp * 0.4
tclkp * 0.6
ns
tclkl
MII_RXCLK low time
tclkp * 0.4
tclkp * 0.6
ns
tsu
MII_RXD[3:0], MII_RXER, MII_RXDV setup time to
rising edge of MII_RXCLK
5.0
-
ns
Note 3
thold
MII_RXD[3:0], MII_RXER, MII_RXDV hold time after
rising edge of MII_RXCLK
6.0
-
ns
Note 3
MII_RXCLK
tsu
MII_RXD[3:0],
MII_RXER
MII_RXDV
tclkh
tclkl
tclkp
thold
tsu thold
thold
tsu
(input)
thold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com