Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 208 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 208 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 204Page - Microchip Technology LAN9252V/ML Datasheet HTML 205Page - Microchip Technology LAN9252V/ML Datasheet HTML 206Page - Microchip Technology LAN9252V/ML Datasheet HTML 207Page - Microchip Technology LAN9252V/ML Datasheet HTML 208Page - Microchip Technology LAN9252V/ML Datasheet HTML 209Page - Microchip Technology LAN9252V/ML Datasheet HTML 210Page - Microchip Technology LAN9252V/ML Datasheet HTML 211Page - Microchip Technology LAN9252V/ML Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 329 page
background image
LAN9252
DS00001909A-page 208
 2015 Microchip Technology Inc.
12.9.7.3
Management Interface Timing
The MII_MDIO and MII_MDC timing is follows:
12.10 LEDs
The device includes one run LED (RUNLED) and a link / activity LED per port (LINKACTLED[0:2]). The LED pin polar-
ity is determined based on the corresponding LED polarity strap. The pin outputs are open drain or open source.
Note:
The LED pins for Port 0 and Port 2 are not swapped based on the chip mode.
The EtherCAT Core configuration provides for direct control of the RUN LED via the RUN LED Override Register.
All LED outputs may be disabled (un-driven) by setting the LED_DIS bit in the Power Management Control Register
(PMT_CTRL).
12.11 EtherCAT CSR and Process Data RAM Access
The EtherCAT CSRs provide register level access to the various parameters of the EtherCAT Core. EtherCAT related
registers can be classified into two main categories based upon their method of access: direct and indirect.
The directly accessible EtherCAT registers are part of the main system CSRs and are detailed in Section 12.13, "Eth-
erCAT CSR and Process Data RAM Access Registers (Directly Addressable)," on page 214. These registers provide
data/command registers (for access to the indirect EtherCAT Core registers).
The indirectly accessible EtherCAT Core registers reside within the EtherCAT Core and must be accessed indirectly via
the EtherCAT CSR Interface Data Register (ECAT_CSR_DATA) and EtherCAT CSR Interface Command Register
(ECAT_CSR_CMD). The indirectly accessible EtherCAT Core CSRs provide full access to the many configurable
parameters of the EtherCAT Core. The indirectly accessible EtherCAT Core CSRs are accessed at address 0h through
0FFFh and are detailed in Section 12.14, "EtherCAT Core CSR Registers (Indirectly Addressable)," on page 223.
FIGURE 12-9:
MANAGEMENT ACCESS TIMING
TABLE 12-6:
MANAGEMENT ACCESS TIMING VALUES
Symbol
Description
Min
Max
Units
Notes
tclkp
MII_MDC period
400
-
ns
tclkh
MII_MDC high time
180 (90%)
-
ns
tclkl
MII_MDC low time
180 (90%)
-
ns
tval
MII_MDIO output valid from rising edge of MII_MDC
-
250
ns
tohold
MII_MDIO output hold from rising edge of MII_MDC
150
-
ns
tsu
MII_MDIO input setup time to rising edge of MII_MDC
70
-
ns
tihold
MII_MDIO input hold time after rising edge of MII_MDC
0-
ns
MII_MDC
MII_MDIO
tclkh
tclkl
tclkp
tohold
MII_MDIO
tsu tihold
(Data-Out)
(Data-In)
tohold
tval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com