Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 251 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 251 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 247Page - Microchip Technology LAN9252V/ML Datasheet HTML 248Page - Microchip Technology LAN9252V/ML Datasheet HTML 249Page - Microchip Technology LAN9252V/ML Datasheet HTML 250Page - Microchip Technology LAN9252V/ML Datasheet HTML 251Page - Microchip Technology LAN9252V/ML Datasheet HTML 252Page - Microchip Technology LAN9252V/ML Datasheet HTML 253Page - Microchip Technology LAN9252V/ML Datasheet HTML 254Page - Microchip Technology LAN9252V/ML Datasheet HTML 255Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 251
LAN9252
12.14.33 ECAT EVENT REQUEST REGISTER
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
Offset:
0210h-0211h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:8
RESERVED
RO
RO
00h
7
SyncManager Status Mirror
This bit mirrors the value of the SyncManager Channel 3 Status.
0:
No Sync Channel 3 Event
1:
Sync Channel 3 Event Pending
RO
RO
0b
6
SyncManager Status Mirror
This bit mirrors the value of the SyncManager Channel 2 Status.
0:
No Sync Channel 2 Event
1:
Sync Channel 2 Event Pending
RO
RO
0b
5
SyncManager Status Mirror
This bit mirrors the value of the SyncManager Channel 1 Status.
0:
No Sync Channel 1 Event
1:
Sync Channel 1 Event Pending
RO
RO
0b
4
SyncManager Status Mirror
This bit mirrors the value of the SyncManager Channel 0 Status.
0:
No Sync Channel 0 Event
1:
Sync Channel 0 Event Pending
RO
RO
0b
3
AL Status Event
0:
No change in AL Status
1:
AL Status Change
Note:
This bit is cleared by reading the AL Status Register
from ECAT.
RO
RO
0b
2
DL Status Event
0:
No change in DL Status
1:
DL Status Change
Note:
This bit is cleared by reading the ESC DL Status Reg-
ister from ECAT.
RO
RO
0b
1
RESERVED
RO
RO
0b
0
DC Latch Event
0:
No change on DC Latch Inputs
1:
At least one change on DC Latch Inputs
Note:
This bit is cleared by reading the DC Latch event
times from ECAT for ECAT controlled Latch Units, so
that the LATCH0 Status Register/LATCH1 Status
Register indicates no event.
RO
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com