Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 252 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 252 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 248Page - Microchip Technology LAN9252V/ML Datasheet HTML 249Page - Microchip Technology LAN9252V/ML Datasheet HTML 250Page - Microchip Technology LAN9252V/ML Datasheet HTML 251Page - Microchip Technology LAN9252V/ML Datasheet HTML 252Page - Microchip Technology LAN9252V/ML Datasheet HTML 253Page - Microchip Technology LAN9252V/ML Datasheet HTML 254Page - Microchip Technology LAN9252V/ML Datasheet HTML 255Page - Microchip Technology LAN9252V/ML Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 329 page
background image
LAN9252
DS00001909A-page 252
 2015 Microchip Technology Inc.
12.14.34 AL EVENT REQUEST REGISTER
Offset:
0220h-0223h
Size:
32 bits
Bits
Description
ECAT
Type
PDI
Type
Default
31:12
RESERVED
RO
RO
000h
11
SyncManager 3 Interrupts
(SyncManager register offset 5h, bit 0 or 1)
0:
No SyncManager 3 Interrupt
1:
SyncManager 3 Interrupt pending
RO
RO
0b
10
SyncManager 2 Interrupts
(SyncManager register offset 5h, bit 0 or 1)
0:
No SyncManager 2 Interrupt
1:
SyncManager 2 Interrupt pending
RO
RO
0b
9
SyncManager 1 Interrupts
(SyncManager register offset 5h, bit 0 or 1)
0:
No SyncManager 1 Interrupt
1:
SyncManager 1 Interrupt
RO
RO
0b
8
SyncManager 0 Interrupts
(SyncManager register offset 5h, bit 0 or 1)
0:
No SyncManager 0 Interrupt
1:
SyncManager 0 Interrupt pending
RO
RO
0b
7
RESERVED
RO
RO
0b
6
Watchdog Process Data
0:
Has not expired
1:
Has expired
Note:
This bit is cleared by reading the Watchdog Status
Process Data Register.
RO
RO
0b
5
EEPROM Emulation
0:
No command pending
1:
EEPROM command pending
Note:
This bit is cleared by acknowledging the command in
EEPROM Control/Status Register from PDI.
RO
RO
0b
4
SyncManager x Activation Register Changed
(SyncManager x Activate Register)
0:
No change in any SyncManager
1:
At least one SyncManager changed
Note:
This bit is cleared by reading the corresponding Syn-
cManager x Activate Register from PDI.
RO
RO
0b
3
State of DC SYNC1
(If Sync/Latch PDI Configuration Register bit 7 = 1)
Note:
Bit is cleared by reading SYNC1 status 0x098F.
RO
RO
0b
2
State of DC SYNC0
(If Sync/Latch PDI Configuration Register bit 3 = 1)
Note:
Bit is cleared by reading SYNC0 status 0x098E.
RO
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com