Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 259 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 259 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 255Page - Microchip Technology LAN9252V/ML Datasheet HTML 256Page - Microchip Technology LAN9252V/ML Datasheet HTML 257Page - Microchip Technology LAN9252V/ML Datasheet HTML 258Page - Microchip Technology LAN9252V/ML Datasheet HTML 259Page - Microchip Technology LAN9252V/ML Datasheet HTML 260Page - Microchip Technology LAN9252V/ML Datasheet HTML 261Page - Microchip Technology LAN9252V/ML Datasheet HTML 262Page - Microchip Technology LAN9252V/ML Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 259
LAN9252
12.14.44 WATCHDOG STATUS PROCESS DATA REGISTER
Note:
Reading this register clears the Watchdog Process Data bit of the AL Event Request Register.
Note:
The Watchdog Status for the PDI can be read in the PDI Watchdog Status bit of the ESC DL Status Register.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.45 WATCHDOG COUNTER PROCESS DATA REGISTER
12.14.46 WATCHDOG COUNTER PDI REGISTER
Offset:
0440h-0441h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:1
RESERVED
RO
RO
0000h
0
Watchdog Status of Process Data
(triggered by SyncManagers)
0:
Watchdog Process Data expired
1:
Watchdog Process Data is active or disabled
RO
RO
0b
Offset:
0442h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:0
Watchdog Counter Process Data
Counting is stopped when FFh is reached. Counts if Process
Data Watchdog expires. This field is cleared if one of the Watch-
dog counters (0442h-0443h) is written.
R/WC
RO
00h
Offset:
0443h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:0
Watchdog PDI Counter
Counting is stopped when FFh is reached. Counts if PDI Watch-
dog expires. This field is cleared if one of the Watchdog counters
(0442h-0443h) is written.
R/WC
RO
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com