Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 261 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 261 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 257Page - Microchip Technology LAN9252V/ML Datasheet HTML 258Page - Microchip Technology LAN9252V/ML Datasheet HTML 259Page - Microchip Technology LAN9252V/ML Datasheet HTML 260Page - Microchip Technology LAN9252V/ML Datasheet HTML 261Page - Microchip Technology LAN9252V/ML Datasheet HTML 262Page - Microchip Technology LAN9252V/ML Datasheet HTML 263Page - Microchip Technology LAN9252V/ML Datasheet HTML 264Page - Microchip Technology LAN9252V/ML Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 261
LAN9252
12.14.48 EEPROM PDI ACCESS STATE REGISTER
Note 19:
Write access only possible if the PDI EEPROM Control bit of the EEPROM Configuration Register is 1 and
Force ECAT Access bit is 0.
Note:
EtherCAT controls the SII EEPROM interface if the PDI EEPROM Control bit of the EEPROM Configuration
Register is 0 and the Access to EEPROM bit of the EEPROM PDI Access State Register is 0. Otherwise,
PDI controls the EEPROM interface.
12.14.49 EEPROM CONTROL/STATUS REGISTER
Offset:
0501h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:1
RESERVED
Write 0.
RO
RO
0000000b
0
Access to EEPROM
0:
Do not change
1:
Reset
RO
R/W
Note 19
0b
Offset:
0502h-0503h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15
Busy
0:
EEPROM interface is idle
1:
EEPROM interface is busy
RO
RO
0b
14
Error Write Enable
0:
No error
1:
Write Command without Write enable
(See Note 20)
RO
RO
0b
13
Error Acknowledge/Command
0:
No error
1:
Missing EEPROM acknowledge or invalid command
(See Note 20)
Note:
EEPROM emulation only: PDI writes 1 if a temporary
failure has occurred.
RO
R/[W]
Note 21
0b
12
EEPROM Loading Status
0:
EEPROM loaded, device information okay
1:
EEPROM not loaded, device information not available
(EEPROM loading in-progress or finished with a failure)
RO
RO
0b
11
Checksum Error in ESC Configuration Area
0:
Checksum okay
1:
Checksum error
RO
R/[W]
Note 21
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com