Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252T/ML Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN9252T/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252T/ML Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN9252T/ML Datasheet HTML 7Page - Microchip Technology LAN9252T/ML Datasheet HTML 8Page - Microchip Technology LAN9252T/ML Datasheet HTML 9Page - Microchip Technology LAN9252T/ML Datasheet HTML 10Page - Microchip Technology LAN9252T/ML Datasheet HTML 11Page - Microchip Technology LAN9252T/ML Datasheet HTML 12Page - Microchip Technology LAN9252T/ML Datasheet HTML 13Page - Microchip Technology LAN9252T/ML Datasheet HTML 14Page - Microchip Technology LAN9252T/ML Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 11
LAN9252
3.0
PIN DESCRIPTIONS AND CONFIGURATION
3.1
64-QFN Pin Assignments
FIGURE 3-1:
64-QFN PIN ASSIGNMENTS (TOP VIEW)
Note:
When a “#” is used at the end of the signal name, it indicates that the signal is active low. For example,
RST# indicates that the reset signal is active low.
The buffer type for each signal is indicated in the “Buffer Type” column of the pin description tables in Sec-
tion 3.3, "Pin Descriptions". A description of the buffer types is provided in Section 1.2, "Buffer Types".
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field.
(Connect exposed pad to ground with a via field)
VSS
LAN9252
64-QFN
(Top View)
5
6
7
8
9
10
11
12
44
43
42
41
40
39
38
37
FXLOSEN
REG_EN
FXSDA/FXLOSA/FXSDENA
FXSDB/FXLOSB/FXSDENB
RST#
D2/AD2/SOF/SIO2
D1/AD1/EOF/SO/SIO1
VDDIO
LINKACTLED1/TDI/CHIP_MODE1
RUNLED/E2PSIZE
EESCL/TCK
VDDCR
D6/AD6/DIGIO0/GPI0/GPO0/MII_RXCLK
D3/AD3/WD_TRIG/SIO3
EESDA/TMS
IRQ
3
4
13
14
36
35
46
45
VDDCR
VDD33
OSCVSS
OSCVDD12
TESTMODE
D8/AD8/DIGIO2/GPI2/GPO2/MII_MDIO
D7/AD7/DIGIO1/GPI1/GPO1/MII_MDC
VDDIO
1
2
OSCO
OSCI
16
15
D13/AD13/DIGIO7/GPI7/GPO7/MII_TXD2/TX_SHIFT0
D14/AD14/DIGIO8/GPI8/GPO8/MII_TXD3/TX_SHIFT1
34
33
A0/D15/AD15/DIGIO9/GPI9/GPO9/MII_RXER
SYNC0/LATCH0
48
VDDIO
47
LINKACTLED0/TDO/CHIP_MODE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com