Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1748
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1748 Datasheet HTML 20Page - Texas Instruments PCM1748 Datasheet HTML 21Page - Texas Instruments PCM1748 Datasheet HTML 22Page - Texas Instruments PCM1748 Datasheet HTML 23Page - Texas Instruments PCM1748 Datasheet HTML 24Page - Texas Instruments PCM1748 Datasheet HTML 25Page - Texas Instruments PCM1748 Datasheet HTML 26Page - Texas Instruments PCM1748 Datasheet HTML 27Page - Texas Instruments PCM1748 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
www.ti.com
ZERO FLAGS
Zero-Detect Condition
Zero Output Flags
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
Zero detection for each output channel is independent from the other. If the data for a given channel remains at a
0 level for 1024 sample periods (or LRCK clock periods), a zero-detect condition exists for that channel.
Given that a zero-detect condition exists for one or more channels, the zero-flag pins for those channels are set
to a logic-1 state. The zero-flag pins for each channel are ZEROL (pin 12) and ZEROR (pin 11). These pins can
be used to operate external mute circuits, or used as status indicators for a microcontroller, audio signal
processor, or other digitally controlled function.
The active polarity of the zero-flag output can be inverted by setting the ZREV bit of control register 22 to 1. The
reset default is active-high output, or ZREV = 0.
The L-channel and R-channel common-zero flag can be selected by setting the AZRO bit of control register 22
to 1. The reset default is L-channel and R-channel independent zero flags, or AZRO = 0.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com