Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748KE/2K Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM1748KE/2K
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748KE/2K Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM1748KE/2K Datasheet HTML 22Page - Texas Instruments PCM1748KE/2K Datasheet HTML 23Page - Texas Instruments PCM1748KE/2K Datasheet HTML 24Page - Texas Instruments PCM1748KE/2K Datasheet HTML 25Page - Texas Instruments PCM1748KE/2K Datasheet HTML 26Page - Texas Instruments PCM1748KE/2K Datasheet HTML 27Page - Texas Instruments PCM1748KE/2K Datasheet HTML 28Page - Texas Instruments PCM1748KE/2K Datasheet HTML 29Page - Texas Instruments PCM1748KE/2K Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
www.ti.com
R
1
R
3
R
4
R
2
C
1
C
2
V
IN
V
OUT
OP A2 134
2
3
1
R
2
R
1
A
V = −
PCB LAYOUT GUIDELINES
PCM1748
V
CC
V
DD
DGND
Return Path for Digital Signals
Analog
Ground
Digital
Ground
AGND
Output
Circuits
DIGITAL SECTION
ANALOG SECTION
Digital Logic
and
Audio
Processor
Digital Power
+V
D
DGND
Analog Power
+5V
A
+V
S
AGND
REG
−V
S
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
APPLICATION INFORMATION (continued)
Figure 29. Dual-Supply Filter Circuit
Because the overall system performance is defined by the quality of the DACs and their associated analog
output circuitry, high-quality audio operational amplifiers are recommended for the active filters. The OPA2353
and OPA2134 dual operational amplifiers from Texas Instruments are recommended for use with the PCM1748;
see Figure 27(a) and Figure 29.
A typical PCB floor plan for the PCM1748 is shown in Figure 30. A ground plane is recommended, with the
analog and digital sections being isolated from one another using a split or cut in the circuit board. The PCM1748
should be oriented with the digital I/O pins facing the ground plane split/cut to allow for short, direct connections
to the digital audio interface and control signals originating from the digital section of the board.
Separate power supplies are recommended for the digital and analog sections of the board. This prevents the
switching noise present on the digital supply from contaminating the analog power supply and degrading the
dynamic performance of the PCM1748. In cases where a common 5-V supply must be used for the analog and
digital sections, an inductance (RF choke, ferrite bead) should be placed between the analog and digital 5-V
supply connections to avoid coupling of the digital switching noise into the analog circuitry. Figure 31 shows the
recommended approach for single-supply applications.
Figure 30. Recommended PCB Layout
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com