Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748KE/2K.B Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1748KE/2K.B
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748KE/2K.B Datasheet(HTML) 3 Page - Texas Instruments

  PCM1748KE/2K.B Datasheet HTML 1Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 2Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 3Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 4Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 5Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 6Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 7Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 8Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
www.ti.com
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data, unless otherwise
noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Logic Current
IIH
High-level input current(1)
VIN = VDD
10
µA
IIL
Low-level input current(1)
VIN = 0 V
–10
µA
IIH
High-level input current(2)
VIN = VDD
65
100
µA
IIL
Low-level input current(2)
VIN = 0 V
–10
µA
Output Logic Level
VOH
High-level output votlage(3)
IOH = –2 mA
2.4
VDC
VOL
Low-level output voltage(3)
IOL = 2 mA
1
VDC
DYNAMIC PERFORMANCE(4)
PCM1748E
VOUT = 0 dB, fS = 44.1 kHz
0.003%
0.008%
VOUT = 0 dB, fS = 96 kHz
0.004%
THD+N
Total harmonic distortion + noise
VOUT = –60 dB, fS = 44.1 kHz
1.2%
VOUT = –60 dB, fS = 96 kHz
1.6%
EIAJ, A-weighted, fS = 44.1 kHz
94
100
Dynamic range
dB
A-weighted, fS = 96 kHz
98
EIAJ, A-weighted, fS = 44.1 kHz
94
100
SNR
Signal-to-noise ratio
dB
A-weighted, fS = 96 kHz
98
fS = 44.1 kHz
91
98
Channel separation
dB
fS = 96 kHz
96
Level linearity error
VOUT = –90 dB
±0.5
dB
PCM1748KE
VOUT = 0 dB, fS = 44.1 kHz
0.002%
0.006%
VOUT = 0 dB, fS = 96 kHz
0.003%
THD+N
Total harmonic distortion + noise
VOUT = –60 dB, fS = 44.1 kHz
0.65%
VOUT = –60 dB, fS = 96 kHz
0.8%
EIAJ, A-weighted, fS = 44.1 kHz
100
106
Dynamic range
dB
A-weighted, fS = 96 kHz
104
EIAJ, A-weighted, fS = 44.1 kHz
100
106
SNR
Signal-to-noise ratio
dB
A-weighted, fS = 96 kHz
104
fS = 44.1 kHz
97
103
Channel separation
dB
fS = 96 kHz
101
Level linearity error
VOUT = –90 dB
±0.5
dB
DC ACCURACY
Gain error
±1
±6
% of FSR
Gain mismatch, channel-to-channel
±1
±3
% of FSR
Bipolar zero error
VOUT = 0.5 VCC at bipolar zero
±30
±60
mV
(1)
Pins 1, 2, 3, 16 (BCK, DATA, LRCK, SCK)
(2)
Pins 13–15 (MD, MC, ML)
(3)
Pins 11, 12 (ZEROR, ZEROL)
(4)
Analog performance specifications are tested with a Shibasoku #725 THD meter with 400-Hz HPF on, 30-kHz LPF on, and an average
mode with 20-kHz bandwidth limiting. The load connected to the analog output is 5 k
Ω or larger, via capacitive coupling.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com