Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1801U/2K Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1801U/2K
Description  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801U/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1801U/2K Datasheet HTML 2Page - Texas Instruments PCM1801U/2K Datasheet HTML 3Page - Texas Instruments PCM1801U/2K Datasheet HTML 4Page - Texas Instruments PCM1801U/2K Datasheet HTML 5Page - Texas Instruments PCM1801U/2K Datasheet HTML 6Page - Texas Instruments PCM1801U/2K Datasheet HTML 7Page - Texas Instruments PCM1801U/2K Datasheet HTML 8Page - Texas Instruments PCM1801U/2K Datasheet HTML 9Page - Texas Instruments PCM1801U/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
30 k
Ω
1 k
Ω
VINL
VREF1
1
14
13
Delta-Sigma
Modulator
(+)
VREF
VREF2
+
1
µF
4.7
µF
+
4.7
µF
+
+
−
(−)
+
−
1 k
Ω
S0011-02
TYPICAL PERFORMANCE CURVES
ANALOG DYNAMIC PERFORMANCE
0.002
0.003
0.004
0.005
0.006
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
−0.5 dB
3.0
2.8
2.6
2.2
2.4
−60 dB
G001
92
93
94
95
96
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
SNR
96
95
94
92
93
G002
Dynamic Range
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
ANALOG FRONT-END (Single Channel)
All specifications at TA = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, and SYSCLK = 384 fS, unless otherwise noted
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs
vs
TEMPERATURE
TEMPERATURE
Figure 1.
Figure 2.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com