Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1801U/2K.B Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1801U/2K.B
Description  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801U/2K.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1801U/2K.B Datasheet HTML 7Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 8Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 9Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 10Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 11Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 12Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 13Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 14Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
HIGH-PASS FILTER
Normalized Frequency [
× fS/1000 Hz]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
G018
Normalized Frequency [
× fS/1000 Hz]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G019
ANTIALIASING FILTER
−50
−40
−30
−20
−10
0
f − Frequency − Hz
1
10
100
10M
1k
10k
G020
100k
1M
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
f − Frequency − Hz
1
10
100
100k
1k
10k
G021
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, and SYSCLK = 384 fS, unless otherwise noted
HIGH-PASS FILTER RESPONSE
HIGH-PASS FILTER RESPONSE
Figure 18.
Figure 19.
ANTIALIASING FILTER
ANTIALIASING FILTER
STOP-BAND CHARACTERISTICS
PASS-BAND CHARACTERISTICS
Figure 20.
Figure 21.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com