Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807PWR Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1807PWR
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1807PWR Datasheet HTML 19Page - Texas Instruments PCM1807PWR Datasheet HTML 20Page - Texas Instruments PCM1807PWR Datasheet HTML 21Page - Texas Instruments PCM1807PWR Datasheet HTML 22Page - Texas Instruments PCM1807PWR Datasheet HTML 23Page - Texas Instruments PCM1807PWR Datasheet HTML 24Page - Texas Instruments PCM1807PWR Datasheet HTML 25Page - Texas Instruments PCM1807PWR Datasheet HTML 26Page - Texas Instruments PCM1807PWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
www.ti.com
CONTROL INTERFACE TIMING REQUIREMENTS
t(MCH)
1.4 V
MS
t(MSS)
LSB
1.4 V
1.4 V
t(MCL)
t(MHH)
t(MSH)
t(MCY)
t(MDH)
t(MDS)
MC
MD
T0013-06
PCM1807
SLES147 – SEPTEMBER 2005
Figure 30 illustrates a detailed timing diagram for the serial control port. These timing parameters are critical for
proper control port operation.
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
40
ns
t(MCH)
MC high-level time
40
ns
t(MHH)
MS high-level time
tMCY
ns
t(MSS)
MS falling edge to MC rising edge
15
ns
t(MSH)
MS hold time (1)
15
ns
t(MDH)
MD hold time
15
ns
t(MDS)
MD setup time
15
ns
(1)
MC rising edge to MS rising edge for the MC pulse corresponding to the LSB of MD
Figure 30. Control Interface Timing
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com