Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003E/2K Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM3003E/2K
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3003E/2K Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM3003E/2K Datasheet HTML 21Page - Texas Instruments PCM3003E/2K Datasheet HTML 22Page - Texas Instruments PCM3003E/2K Datasheet HTML 23Page - Texas Instruments PCM3003E/2K Datasheet HTML 24Page - Texas Instruments PCM3003E/2K Datasheet HTML 25Page - Texas Instruments PCM3003E/2K Datasheet HTML 26Page - Texas Instruments PCM3003E/2K Datasheet HTML 27Page - Texas Instruments PCM3003E/2K Datasheet HTML 28Page - Texas Instruments PCM3003E/2K Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
www.ti.com
Within 1/fS
t(DACDLY2)
(32/fS)
Normal Data
VCOM
(0.5 VCC)
Undefined
Data
Normal Data
Synchronous
Asynchronous
Synchronous
Resynchronization
Synchronization Lost
DAC VOUT
State of Synchronization
T0020-03
Normal Data(1)
Zero Data
Normal Data
ADC DOUT
t(ADCDLY2)
(32/fS)
Undefined
Data
ZERO FLAG OUTPUT: PCM3002 ONLY
OPERATIONAL CONTROL
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
(1)
The HPF transient response (exponentially attenuated signal from
±0.2% dc of FSR with 200-ms time constant)
appears initially.
Figure 48. DAC Output and ADC Output for Loss of Synchronization
Pin 16 is an open-drain output, used as the infinite zero detection flag on the PCM3002 only. When input data is
continuously zero for 65,536 BCKIN cycles, ZFLG is LOW; otherwise, ZFLG is in a high-impedance state.
The PCM3002 can be controlled in a software mode with a three-wire serial interface on MC (pin 18),
MD (pin 17), and ML (pin 8). Table 2 indicates selectable functions, and Figure 49 and Figure 50 illustrate the
control data input format and timing. The PCM3003 only allows for control of 16/20-bit data format, digital
de-emphasis, and power-down control by hardware pins.
Table 2. Selectable Functions (O = User Selectable; X = Not Available)
FUNCTION
ADC/DAC
PCM3002
PCM3003
Audio data format
ADC/DAC
Four selectable formats
Two selectable formats
LRCIN polarity
ADC/DAC
O
X
Loopback control
ADC/DAC
O
X
Left-channel attenuation
DAC
O
X
Right-channel attenuation
DAC
O
X
Attenuation control
DAC
O
X
Infinite zero detection and mute
DAC
O
X
DAC output control
DAC
O
X
Soft mute control
DAC
O
X
De-emphasis (OFF, 32 kHz, 44.1 kHz, 48 kHz)
DAC
O
O
ADC power-down control
ADC
O
O
DAC power-down control
DAC
O
O
High-pass filter operation
ADC
O
X
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com