Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003E/2K.B Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM3003E/2K.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3003E/2K.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM3003E/2K.B Datasheet HTML 28Page - Texas Instruments PCM3003E/2K.B Datasheet HTML 29Page - Texas Instruments PCM3003E/2K.B Datasheet HTML 30Page - Texas Instruments PCM3003E/2K.B Datasheet HTML 31Page - Texas Instruments PCM3003E/2K.B Datasheet HTML 32Page - Texas Instruments PCM3003E/2K.B Datasheet HTML 33Page - Texas Instruments PCM3003E/2K.B Datasheet HTML 34Page - Texas Instruments PCM3003E/2K.B Datasheet HTML 35Page - Texas Instruments PCM3003E/2K.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
www.ti.com
APPLICATION AND LAYOUT CONSIDERATIONS
POWER-SUPPLY BYPASSING
GROUNDING
VOLTAGE INPUT
VREF INPUTS
VCOM INPUT
SYSTEM CLOCK
RESET CONTROL
EXTERNAL MUTE CONTROL
TYPICAL CONNECTION DIAGRAM
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
The digital and analog power supply lines to PCM3002/3003 should be bypassed to the corresponding ground
pins with both 0.1-
µF ceramic and 10-µF tantalum capacitors as close to the device pins as possible. Although
the PCM3002/3003 has three power-supply lines to optimize dynamic performance, the use of one common
power supply is generally recommended to avoid unexpected latch-up or pop noise due to power-supply
sequencing problems. If separate power supplies are used, back-to-back diodes are recommended to avoid
latch-up problems.
In order to optimize the dynamic performance of the PCM3002/3003, the analog and digital grounds are not
connected internally. The PCM3002/3003 performance is optimized with a single ground plane for all returns. It is
recommended to tie all PCM3002/3003 ground pins to the analog ground plane using low-impedance
connections. The PCM3002/3003 should reside entirely over this plane to avoid coupling high-frequency digital
switching noise into the analog ground plane.
A tantalum or aluminum electrolytic capacitor, between 1
µF and 10 µF, is recommended as an ac-coupling
capacitor at the inputs. Combined with the 30-k
Ω characteristic input impedance, a 1-µF coupling capacitor
establishes a 5.3-Hz cutoff frequency for blocking dc. The input voltage range can be increased by adding a
series resistor on the analog input line. This series resistor, when combined with the 30-k
Ω input impedance,
creates a voltage divider and enables larger input ranges.
A 4.7-
µF to 10-µF tantalum capacitor is recommended between V
REF1, VREF2, and AGND1 to ensure low source
impedance for the ADC references. These capacitors should be located as close as possible to the reference
pins to reduce dynamic errors on the ADC reference.
A 4.7-
µF to 10-µF tantalum capacitor is recommended between V
COM and AGND1 to ensure low source
impedance of the ADC and DAC common voltage. This capacitor should be located as close as possible to the
VCOM pin to reduce dynamic errors on the dc common-mode voltage.
The quality of the system clock can influence dynamic performance of both the ADC and DAC in the
PCM3002/3003. The duty cycle and jitter at the system-clock input pin should be carefully managed. When
power is supplied to the part, the system clock, bit clock (BCKIN), and word clock (LCRIN) also must be supplied
simultaneously. Failure to supply the audio clocks results in a power-dissipation increase of up to three times
normal dissipation and can degrade long-term reliability if the maximum power-dissipation limit is exceeded.
If capacitors larger than 22
µF are used on V
REF and VCOM, external reset control (RST = low for the PCM3002,
PDAD = low and PDDA = low for the PCM3003) is required after the VREF, VCOM transient response is settled.
For power-down ON/OFF control without click noise, which is generated by a DC level change on the DAC
output, use of the external mute control is recommended. The control sequence, which is external mute ON,
codec power-down ON, SYSCLK stop and resume if necessary, codec power-down OFF, and external mute
OFF is recommended.
A typical connection diagram for the PCM3002/3003 is shown in Figure 51.
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com