Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3500E/2K Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM3500E/2K
Description  Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3500E/2K Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM3500E/2K Datasheet HTML 19Page - Texas Instruments PCM3500E/2K Datasheet HTML 20Page - Texas Instruments PCM3500E/2K Datasheet HTML 21Page - Texas Instruments PCM3500E/2K Datasheet HTML 22Page - Texas Instruments PCM3500E/2K Datasheet HTML 23Page - Texas Instruments PCM3500E/2K Datasheet HTML 24Page - Texas Instruments PCM3500E/2K Datasheet HTML 25Page - Texas Instruments PCM3500E/2K Datasheet HTML 26Page - Texas Instruments PCM3500E/2K Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
®
23
PCM3500
ANTI-ALIASING FILTER
STOPBAND CHARACTERISTICS
Frequency (Hz)
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1k
100
10k
100k
1M
10M
ANTI-ALIASING FILTER
PASSBAND CHARACTERISTICS
Frequency (Hz)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
1k
100
10
1
10k
100k
The AFE circuit consists of a single-ended-to-differential
converter, with the first stage of the circuit doubling as a
low-pass, anti-alias filter. The frequency response for the
filter is shown in Figure 22. Since the delta-sigma modulator
oversamples the input at 64fS, the anti-alias filter require-
ments are relaxed, with only a single-pole filter being re-
quired. If an application requires further band limiting of the
input signal, a simple RC filter at the VIN input (pin 4) can
be used, as shown in Figure 23.
SOFTWARE MODEM
APPLICATIONS
The PCM3500 was designed to meet the requirements for
software-based analog modems, supporting up to 56kbps(1).
In a software modem application, the PCM3500 is paired
with a Data Access Arrangement (DAA) and a host CPU to
provide the complete modem function. Figure 24 shows a
simplified block diagram of a software modem using the
PCM3500.
The DAA provides the interface between the CODEC and
two-wire telephone line. The DAA provides numerous
functions, including two-to-four wire conversion, modem-
side to line-side isolation, ring detection, hook switch con-
trol, line current compensation, and overvoltage protection.
The host CPU provides the data pump and supervisory
functions for the software modem application. The host
executes modem software code, which includes the neces-
sary routines for transmit and receive functions, error detec-
tion and correction, echo cancellation, and CODEC/DAA
control and supervision.
NOTE: (1) Data transmission is limited to 53kbps over standard telephone
lines. Actual transmission rates vary depending upon the quality of the
lines and switching equipment for a given connection.
FIGURE 22. Anti-Alias Filter Frequency Response.
FIGURE 23. Optional External Low-Pass Filter for the
ADC.
FIGURE 24. Software Modem Block Diagram.
+
V
IN
PCM3500
Analog
Input
R
C
f
–3dB =
1
2
π RC
Host
CPU
Controls (ring detect, off hook, etc.)
Modem
Software
PCM3500
CODEC
Data
Access
Arrangement
(DAA)
Data
Tip
Ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com