Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3501E/2K Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM3501E/2K
Description  Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3501E/2K Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM3501E/2K Datasheet HTML 10Page - Texas Instruments PCM3501E/2K Datasheet HTML 11Page - Texas Instruments PCM3501E/2K Datasheet HTML 12Page - Texas Instruments PCM3501E/2K Datasheet HTML 13Page - Texas Instruments PCM3501E/2K Datasheet HTML 14Page - Texas Instruments PCM3501E/2K Datasheet HTML 15Page - Texas Instruments PCM3501E/2K Datasheet HTML 16Page - Texas Instruments PCM3501E/2K Datasheet HTML 17Page - Texas Instruments PCM3501E/2K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
®
14
PCM3501
SERIAL INTERFACE
The serial interface of the PCM3501 is a 4-wire synchronous
serial port. It includes FS (pin 9), BCK (pin 8), DIN (pin 10)
and DOUT (pin 11). FS is the frame synchronization clock,
BCK is the serial bit or shift clock, DIN is the serial data input
for the DAC, and DOUT is the serial data output for the ADC.
The frame sync, FS, operates at the sampling frequency (fS).
The bit clock, BCK, operates at 16fS for normal operation.
DIN and DOUT also operate at the bit clock rate. Both FS
and BCK must be synchronous with the system clock (guar-
anteed in Master Mode). Data for DIN is clocked into the
serial interface on the rising edge of BCK, while data for
DOUT is clocked out of the serial interface on the falling
edge of BCK.
Figure 6 shows the serial interface format for the PCM3501.
The serial data for DIN and DOUT must be in Binary Two’s
Complement, MSB-first format. Figures 7 and 8 show the
timing specifications for the serial interface when used in
Slave and Master Modes.
FS
BCK
DIN
DOUT
MSB
MSB
LSB
LSB
MSB
MSB
LSB
LSB
15 14 13 12 11
21
0
54
3
15 14 13 12 11
21
0
54
3
15 14 13 12 11
21
0
54
3
15 14 13 12 11
21
0
54
3
1/f
S
16-Bit/Frame
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tBCKP
BCK Period
2400
ns
tBCKH
BCK Pulse Width HIGH
800
ns
tBCKL
BCK Pulse Width LOW
800
ns
tFSW
FS Pulse Width HIGH
tBCKP – 60
tBCKP
tBCKP + 60
ns
tFSP
FS Period
1/fS
tFSSU
FS Set Up Time to BCK Rising Edge
60
ns
tFSHD
FS Hold Time to BCK Rising Edge
60
ns
tDISU
DIN Set Up Time to BCK Rising Edge
60
ns
tDIHD
DIN Hold Time to BCK Rising Edge
60
ns
tCKDO
Delay Time BCK Falling Edge to DOUT
0
80
ns
tR
Rising Time of All Signals
30
ns
tF
Falling Time of All Signals
30
ns
FIGURE 6. Serial Interface Format.
FIGURE 7. Serial Interface Timing for Slave Mode.
t
FSW
t
FSSU
t
FSHD
t
BCKP
t
BCKH
t
DISU
t
DIHD
t
BCKL
t
CKDO
t
FSP
FS
(input)
BCK
(input)
DIN
(input)
DOUT
(output)
NOTES: Timing measurement reference level is (VIH/VIL)/2. RIsing and falling time is measured
from 10% to 90% of IN/OUT signal swing. Load capacitance of DOUT signal is 50pF.
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com