Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4202 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM4202
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM4202 Datasheet HTML 8Page - Texas Instruments PCM4202 Datasheet HTML 9Page - Texas Instruments PCM4202 Datasheet HTML 10Page - Texas Instruments PCM4202 Datasheet HTML 11Page - Texas Instruments PCM4202 Datasheet HTML 12Page - Texas Instruments PCM4202 Datasheet HTML 13Page - Texas Instruments PCM4202 Datasheet HTML 14Page - Texas Instruments PCM4202 Datasheet HTML 15Page - Texas Instruments PCM4202 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
12
PRODUCT OVERVIEW
The PCM4202 is a high-performance, stereo audio
analog-to-digital (A/D) converter designed for use in
professional and broadcast audio applications. The
PCM4202 features 24-bit linear PCM or 1-bit Direct
Stream Digital (DSD) data output capability for both
channels. Sampling rates up to 216kHz are supported for
PCM output formats, while 64x or 128x oversampled 1-bit
data is supported for DSD output mode. Native support for
both PCM and DSD data formats makes the PCM4202
ideal for use in a wide variety of audio recording and
processing applications.
The PCM4202 features 1-bit delta-sigma modulators
employing density modulated dither for improved dynamic
performance. Differential voltage inputs are utilized for the
modulators, providing excellent common-mode rejection.
On-chip
voltage
references
are
provided
for
the
modulators, in addition to generating DC common-mode
bias voltage outputs for use with external input circuitry.
Linear phase digital decimation filtering is provided for the
24-bit PCM data outputs, with a minimum stop band
attenuation of −100dB for all sampling modes.
The PCM output mode features clipping flag outputs for
each channel, as well as a digital high-pass filter for DC
removal. The PCM4202 may be configured using
dedicated input pins for sampling mode and audio data
format selection, high-pass filter enable/disable, and
reset/power-down operation.
A +5V power supply is required for the analog section of
the device, while a +3.3V power supply is required for the
digital circuitry. Figure 1 shows the functional block
diagram for the PCM4202.
HPF
Delta−Sigma
Modulator
Decimation
Filter
Voltage
Reference
V
COMR
AGNDR
V
REFR
V
INR+
V
INR−
Power
V
DD
AGND
Reset
Logic
Clock
Control
Audio
Serial
Port
DGND
V
CC
LRCK
or DSDBCK
BCK
or DSDL
DATA
or DSDR
S/M
FMT0
FMT1
CLIPR
CLIPL
HPF
Delta−Sigma
Modulator
Decimation
Filter
Voltage
Reference
V
REFL
AGNDL
V
COML
V
INL−
V
INL+
FS1
FS2
SCKI
RST
HPFD
FS0
Figure 1. PCM4202 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com