Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11MM13 Datasheet(PDF) 2 Page - Utica Tools

Part # 11MM13
Description  “Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTICA [Utica Tools]
Direct Link  
Logo UTICA - Utica Tools

11MM13 Datasheet(HTML) 2 Page - Utica Tools

  11MM13 Datasheet HTML 1Page - Utica Tools 11MM13 Datasheet HTML 2Page - Utica Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES: . 1 . .“A” .series .drive .heads .are .not .interchangeable .with .“B” .series .heads .
.
2 . .Utica .torque .heads .when .used .with .Utica .torque .wrenches, .meet .the .accuracy .statements .for .Utica .wrenches . .
.
We .cannot .guarantee .accuracy .when .other .manufacturers .heads .or .wrenches .are .interchanged .with .a .Utica .part .
Head Adapter “A”
Weld .custom .heads .to .
adapters .to .couple .with .
“A” .handles .
28522
The 28522 head adapter allows
you to weld on custom heads to
meet specific applications.
1.35” total
.55”
RS 122
“Click” Type Torque Sensing Wrenches
“A” .Size .Interchangeable .Heads
“Click” Type Torque Sensing Wrenches
Interchangeable .Head .“A” .Size .Series
Open End U.S. Standard “A”
Opening
Size
Part No.
Maximum
Torque Load
in.-lb. ft.-lb.
Nm
1/8
OP .42
20
1 .7
2 .3
5/32
OP .52
35
2 .9
4 .0
3/16
OP .62
45
3 .8
5 .1
7/32
OP .72
50
4 .2
5 .6
1/4
OP .82
67
5 .6
7 .6
5/16
OP .102
138
12
16
11/32
OP .112
193
16
22
3/8
OP .122
275
23
31
7/16
OP .142
410
34
46
1/2
OP .162
420
35
48
9/16
OP .182
420
35
48
5/8
OP .202
420
35
48
11/16
OP .222
420
35
48
3/4
OP .242
420
35
48
Open End Metric
“A”
Opening
Size
Part No.
Maximum
Torque Load
in.-lb. ft.-lb.
Nm
7mm
MO .72
71
5 .9
8
8mm
MO .82
133
11
15
9mm
MO .92
186
16
21
10mm
MO .102
274
23
31
Plain Square Drive
“A”
Drive Size (in.)
Part No.
1/4
PS .82
3/8
PS .122
Ratcheting Square Drive “A”
Drive Size (in.)
Part No.
1/4
RS .82
3/8
RS .122
Rachet Repair Kits
Part No.
Repair Kit
RS .82
V702KR
RS .182
V152KR
12 Point Box U.S. Standard“A”
Opening
Size
Part No.
Maximum
Torque Load
in.-lb. ft.-lb.
Nm
7/32
LB .72
50
4 .0
5 .6
1/4
LB .82
67
5 .6
7 .6
5/16
LB .102
138
12
7 .6
3/8
OLB .122 275
23
31
7/16
LB .142
410
34
48
9/16
LB .182
420
35
48
SAE Size Sockets
Part No.
Square
Drive (in.)
Hex
Opening (in.)
1108
1/4
1/4
1110
1/4
5/16
1112
1/4
3/8
1114
1/4
7/16
3108
3/8
1/4
3110
3/8
5/16
3112
3/8
3/8
3114
3/8
7/16
3116
3/8
1/2
3118
3/8
9/16
3120
3/8
5/8
Metric Size Sockets
Part No.
Square
Drive (in.)
Hex
Opening (mm)
6mm11
1/4
6mm
7mm11
1/4
7mm
8mm11
1/4
8mm
10mm11
1/4
10mm
10mm13
3/8
10mm
11mm13
3/8
11mm
12mm13
3/8
12mm
13mm13
3/8
13mm
14mm13
3/8
14mm
15mm13
3/8
15mm
16mm13
3/8
16mm
Adapters
Part No.
Female Square
Drive (in.)
Male Square
Drive (in.)
EX-372
1/4
3/8
EX-254
3/8
1/4
EX-503
3/8
1/2
Flare Nut U.S. Standard “A”
Opening
Size
Part No.
Maximum
Torque Load
in.-lb. ft.-lb.
Nm
7/16*
LF .142
140
12
16
9/16**
LF .182
275
23
31
. .*6 .point
**12 .point
Hex Keys U.S. Standard
“A”
Hex Key
Size
Part No.
Maximum
Torque Load
in.-lb. ft.-lb.
Nm
1/16
HX .42
8
0 .6
0 .9
5/64 .
HX .52
16
1 .3
1 .8
3/32
HX .62
28
2 .3
3 .2
7/64
HX .72
44
3 .6
5 .0
1/8
HX .82
65
5 .4
7 .3
9/64
HX .92
95
7 .9
11
5/32
HX .102
128
11
14
3/16
HX .122
222
18
25
7/32
HX .142
350
29
40
1/4
HX .162
420
35
48
Bit Holders
Part No.
Square
Drive (in.)
Female
Hex (in.)
825
1/4
1/4
M-825
1/4
1/4 .Magnetic
838
3/8
1/4
M-838
3/8
1/4 .Magnetic
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com