Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1705DBQ Datasheet(PDF) 17 Page - Texas Instruments

Part # PLL1705DBQ
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1705DBQ Datasheet(HTML) 17 Page - Texas Instruments

Back Button PLL1705DBQ Datasheet HTML 13Page - Texas Instruments PLL1705DBQ Datasheet HTML 14Page - Texas Instruments PLL1705DBQ Datasheet HTML 15Page - Texas Instruments PLL1705DBQ Datasheet HTML 16Page - Texas Instruments PLL1705DBQ Datasheet HTML 17Page - Texas Instruments PLL1705DBQ Datasheet HTML 18Page - Texas Instruments PLL1705DBQ Datasheet HTML 19Page - Texas Instruments PLL1705DBQ Datasheet HTML 20Page - Texas Instruments PLL1705DBQ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
PLL1705DBQ
Active
Production
SSOP (DBQ) | 20
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1705
TC
PLL1705DBQ.B
Active
Production
SSOP (DBQ) | 20
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1705
TC
PLL1705DBQR
Active
Production
SSOP (DBQ) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1705
TC
PLL1705DBQR.B
Active
Production
SSOP (DBQ) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1705
TC
PLL1705DBQRG4.B
Active
Production
SSOP (DBQ) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1705
TC
PLL1706DBQ
Active
Production
SSOP (DBQ) | 20
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1706
TC
PLL1706DBQ.B
Active
Production
SSOP (DBQ) | 20
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1706
TC
PLL1706DBQG4.B
Active
Production
SSOP (DBQ) | 20
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1706
TC
PLL1706DBQR
Active
Production
SSOP (DBQ) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1706
TC
PLL1706DBQR.B
Active
Production
SSOP (DBQ) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PLL1706
TC
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com