Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDRIVE102BH
Description  STDRIVE102BH evaluation board for three-phase brushless motors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 3 Page - STMicroelectronics

  STDRIVE102BH Datasheet HTML 1Page - STMicroelectronics STDRIVE102BH Datasheet HTML 2Page - STMicroelectronics STDRIVE102BH Datasheet HTML 3Page - STMicroelectronics STDRIVE102BH Datasheet HTML 4Page - STMicroelectronics STDRIVE102BH Datasheet HTML 5Page - STMicroelectronics STDRIVE102BH Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1
Specifications
Ratings of the board can be found in Table 1.
Table 1. EVLDRIVE102BH - specifications
Parameter
Value
Supply voltage
Nominal
From 6 V to 50 V
Maximum current
Continuous (1)
12 Arms
Peak
25 A
Maximum power
Continuous (1)
350 W
1. At 25 °C ambient temperature
EVLDRIVE102BH
Specifications
DB5414 - Rev 1
page 3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com