Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4414C Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4414C
Description  UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 36WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4414C Datasheet(HTML) 1 Page - TT Electronics.

  SW4414C Datasheet HTML 1Page - TT Electronics. SW4414C Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNITED KINGDOM 3-PIN PLUG-IN
POWER SUPPLY 12VDC 36WATT
POWERPAX: SW4414C
© TT Electronics plc
ISS.3 28/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
United Kingdom Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our Range of Class II 36 Watt AC/DC United Kingdom plug-in power supplies provide 3W watts of continuous power in a
compact fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4414C
Input Voltage Range
90-264Vac
Input Frequency Range
50-60Hz
Input Current Rated
1.2A Max
Output Voltage Rating
12V
Output Current Range
3.0A
Output Min Current
0.05A
Output Connection Type
2.1x5.5x12mm Centre Positive
Total Output Regulation
+/- 5%
Line and Load Regulation
+/- 5%
Ripple & Noise
200mVp-p
Efficiency
87% Min
Over Voltage Protection
The output voltage shall be clamped by internal protection zener.
Over Current Protection
The power supply will be protection when output power at 110-
200% of all rated DC output.
Short-circuit Protection
The adapter shall not be damaged by short the DC output to
Ground. The adapter shall resume normal operation when a short
circuited fault condition is removed
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000Vac 10mA 1min
Leakage Current
0.25mA max
Safety Standard
Meet T-LICENSE (BS EN60950-1)
EMI Standard
FCC part 15: Class B
EN55032, Class B
MTBF
100K Hours
Size mm max.
115.4 (L) x 52 (W) x 42 (H) mm
Weight
229 g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4414C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW44 ALPHAWIRE-SW44 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Shenzhen Sunnyway Batte...
SW440 SUNNYWAY-SW440 Datasheet
319Kb / 1P
General Battery
SW440 SUNNYWAY-SW440_17 Datasheet
539Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
logo
TT Electronics.
SW4423-C TTELEC-SW4423-C Datasheet
263Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 5VDC 15.5WATT
28/05/2020
SW4423-INT TTELEC-SW4423-INT Datasheet
274Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 15.5WATT
29/05/2020
More results

Similar Description - SW4414C

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
AC-C13-UK CUI-AC-C13-UK Datasheet
163Kb / 2P
3 PRONG AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com