Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4423-INT Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4423-INT
Description  INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 15.5WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4423-INT Datasheet(HTML) 1 Page - TT Electronics.

  SW4423-INT Datasheet HTML 1Page - TT Electronics. SW4423-INT Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERCHANGEABLE WALL PLUG
POWER SUPPLY 5VDC 15.5WATT
POWERPAX: SW4423-INT
© TT Electronics plc
ISS.3 29/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Interchangeable AC Heads
•
1 Year Warranty
•
Level VI Efficiency
•
Worldwide Approvals
Description:
Our range of 15.5 Watt Interchangeable wall plug power supplies provide 15.5 Watts of continuous power with the
flexibility of worldwide usage as they are supplied with UK, Euro, USA & Auz AC Heads, all Efficiency Level VI and carry
worldwide safety approvals.
Specification
Part Code
SW4423-INT
Input Voltage Range
90-264 Vac
Input Frequency Range
50/60Hz +/- 3Hz
Input AC Heads
UK, Euro, USA & Auz
Output Voltage Rating
+5V
Output Current Range
2.1A & 1.0A
Output Min Current
0.0A
Output Connection Type
Female Standard Type USB
Line and Load Regulation
+/- 6%
Ripple & Noise
150mVp-p
Efficiency
81.59% Min
Short-Circuit Protection
No Damage
Over Current Protection
The output shall be protected against the over current condi-
tions.
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000VAC 5mA 1min
Leakage Current
0.25mA max
Safety Standard
TUV, CE, UK
EMI Standard
FCC part 15: Class B
EN55022:2010, Class B
EN 55024:2010
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
MTBF
50K Hours
Size mm max.
49.75 (L) x 43.75 (W) x 34.5 (H)
Weight
70g


Similar Part No. - SW4423-INT

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4423-C TTELEC-SW4423-C Datasheet
263Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 5VDC 15.5WATT
28/05/2020
More results

Similar Description - SW4423-INT

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-R13 TRIAD-WSX150-1600-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com