Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # DP1
Description  Terminal Block 2.5㎟
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

DP1 Datasheet(HTML) 1 Page - Multicomp Pro

  DP1 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
05/06/20
Terminal Block
2.5mm2
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
• Suitable for broad range of cross-section and types of wires
• Wires can be connected without any special preparation
• Easy for the extension of terminal connection
• Easy of handling and safe connection
• An excellent vibration proof protection against loosening
• High reliability and maintenance free
• Very low contact resistance
• Easy mounting and dismounting from the terminal rail
Specifications:
Material / Available Colour : Beige
Insulation Stripping Length : 10mm to 12mm
Clamping Screw (M)
: M3
Torque (lb-in)
: 7
Insulating Impulse Voltage
Withstand
: 8KV
IEC
: 600V / 24A / AWG 10-22
Rail Dimensions
For TS35 × 7.5
: 5mm × 60mm × 47.5mm (T/W/H)
For TS35 × 15
: 5mm × 60mm × 55mm (T/W/H)
Accessories Table:
Type
Cat. No
Qty.
End Bracket
SEW35
CEW35/2
50
50
End Plate
CEP1
50
Partition
CEP5
50
Cross Jumper
CQV 2.5/2
CQV 2.5/3
CQV 2.5/4
CQV 2.5/10
50
50
50
20
Comb Link
CQB 2.5/2
CQB 2.5/3
CQB 2.5/10
50
50
20
Warning Cover
WS-2.5
50
Marking Tags
W5 W5Z W5K
W7 W7Z W7K
500
400
Test Plug
TPS2.0 (ø2.0)
TPS2.3 (ø2.3)
20
20
Socket
TPS2.0
TPS2.3
50
50
Protection Cover
DP1
20
Retaining Plates
AD1
50
Tool
DS3
-
Description
Part Number
Terminal Block, DIN, 2.5mm2
CDU2.5
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - DP1

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP1 GRAYHILL-DP1 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
Copal Electronics
DP1 COPAL-DP1 Datasheet
715Kb / 5P
Directing Switches
logo
Japan Aviation Electron...
DP1 JAE-DP1 Datasheet
918Kb / 12P
DisplayPortTM Standard Digital Interface Connector
logo
List of Unclassifed Man...
DP10 ETC2-DP10 Datasheet
166Kb / 1P
Use recommendations for machines
logo
AUK corp
DP100 AUK-DP100 Datasheet
83Kb / 3P
PNP Silicon Transistor
More results

Similar Description - DP1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1888690 PHOENIX-1888690 Datasheet
108Kb / 6P
PCB terminal block - MKDSN 2.5/ 3-5.08
1888700 PHOENIX-1888700 Datasheet
109Kb / 6P
PCB connection terminal block - MKDSN 2.5/ 4-5.08
1890976 PHOENIX-1890976 Datasheet
112Kb / 6P
PCB terminal block - MKDSN 2.5/ 3
1890989 PHOENIX-1890989 Datasheet
112Kb / 6P
PCB terminal block - MKDSN 2.5/ 4
1905311 PHOENIX-1905311 Datasheet
59Kb / 4P
PCB terminal block - SMKDS 2.5/ 3-5.08-4.5MM BLUE
2713751 PHOENIX-2713751 Datasheet
69Kb / 4P
PCB terminal block - MKDSO 2.5/4-6 SET KMGY
2908485 PHOENIX-2908485 Datasheet
82Kb / 5P
PCB terminal block - MKDSO 2.5/4-L KMGY
logo
WAGO Kontakttechnik Gmb...
2002-2248 WAGO-2002-2248 Datasheet
817Kb / 22P
Double-deck terminal block; Shield/through terminal block; 2.5 mm짼
24.11.2021
2002-1401-000-014 WAGO-2002-1401-000-014 Datasheet
1Mb / 26P
4-conductor through terminal block; 2.5 mm짼
24.11.2021
2022-1201 WAGO-2022-1201 Datasheet
1Mb / 18P
1-conductor/1-pin carrier terminal block; 2.5 mm짼
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com