Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFD3 Datasheet(PDF) 2 Page - Novaris

Part # SFD3
Description  Three Phase Surge Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SFD3 Datasheet(HTML) 2 Page - Novaris

  SFD3 Datasheet HTML 1Page - Novaris SFD3 Datasheet HTML 2Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Specifications
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
Novaris has a policy of continuing product development, therefore specifications are subject to change without notice. Copyright: © 2016 Novaris Pty Ltd
Model
SFD3-10-50-275-A
SFD3-20-50-275-A
SFD3-32-50-275-A
Electrical Specifications
Connection type
Series
Series
Series
Modes of protection
L-N, L-PE, N-PE
L-N, L-PE, N-PE
L-N, L-PE, N-PE
Phases
3
3
3
Nominal voltage
U
o
230 VAC
230 VAC
230 VAC
Short circuit withstand level
I
SCCR
25 kA
25 kA
25 kA
Maximum backup fuse (gL/gG)
10 A
20 A
32 A
L-N
Maximum continuous voltage
U
C
275 VAC
275 VAC
275 VAC
Maximum load current
I
L
10 A
20 A
32 A
Maximum voltage Drop (% of U
o)
∆U < 1%
< 1%
< 1%
3 dB Frequency at 50 Ω
2600 kHz
800 Hz
380 Hz
Maximum discharge current (8/20 µs)
I
max
50 kA
50 kA
50 kA
Lightning impulse current (10/350 µs)
I
imp
3 kA
3 kA
3 kA
Nominal discharge current (8/20 µs)
I
n
20 kA
20 kA
20 kA
Voltage protection level @ 3 kA 8/20 µs U
p
< 600 V
< 600 V
< 650 V
Voltage protection level @ I
n
U
p
< 1000V
< 1000V
< 1100V
Load side surge withstand (nominal)
10 kA
10 kA
10 kA
Response time
t
A
Instantaneous
Instantaneous
Instantaneous
Temporary overvoltage (TOV)
U
T
440V / 5 sec
N-PE
Maximum continuous voltage
U
C
255 VAC
255 VAC
255 VAC
Maximum discharge current (8/20 µs)
I
max
60 kA
60 kA
60 kA
Lightning impulse current (10/350 µs)
I
imp
15 kA
15 kA
15 kA
Nominal discharge current (8/20 µs)
I
n
50 kA
50 kA
50 kA
Voltage protection level @ 1 kV/ µs
U
p
< 700 V
< 700 V
< 700 V
Voltage protection level @ I
n
U
p
< 1300 V
< 1300 V
< 1300 V
Response time
t
A
< 100 ns
< 100 ns
< 100 ns
Temporary overvoltage (TOV)
U
T
1200 V / 0.2 s
1200 V / 0.2 s
1200 V / 0.2 s
Follow current interrupt rating
I
fi
100 A
100 A
100 A
Earth leakage current
< 10 µA
< 10 µA
< 10 µA
Indication
Display
LED status per phase
External alarm
Standard
Display / Alarm function
segment / thermal failure, SPDT voltage free contact
Alarm isolation
4 kV
Mechanical Specifications
Operating temperature
-40 to +70 ºC
-40 to +70 ºC
-40 to +70 ºC
Humidity Range
5 to 95% non–condensing
5 to 95% non–condensing
5 to 95% non–condensing
Terminal capacity – power
2.5 – 16 mm2
2.5 – 16 mm2
2.5 – 16 mm2
Terminal capacity – alarms
0.5 – 2.5 mm2
0.5 – 2.5 mm2
0.5 – 2.5 mm2
Terminal screw torque – power
2.0 Nm
2.0 Nm
2.0 Nm
Terminal screw torque – alarm
0.5 Nm
0.5 Nm
0.5 Nm
Environmental / Location
IP 20 / Indoor
IP 20 / Indoor
IP 20 / Indoor
Dimensional Drawing
A
A
A
Device width
180 mm
180 mm
180 mm
Mounting
TS35 DIN rail / Panel mount
Enclosure / Colour
Metal / Black
Standards
IEC 61643-11:2011
SPD connected to low-voltage power systems - Type 2+3
AS/NZS 1768:2007
A.C. power system SPD - Cat C1, B, A
UL 1449 3rd edition
Low voltage SPD - Type 3 (< 10 m from device)
IEEE 62.41.2:2002
Low voltage SPD - Cat C (< 10 m from device)
Shipping
Weight
1.2 kg
1.3 kg
1.3 kg
Customs Tariff
85354010
85354010
85354010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com