Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEM-9PR Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DEM-9PR
Description  D-sub Connector, Cable side connector, 9 pos., Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DEM-9PR Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DEM-9PR Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DEM-9PR Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DEM-9PR Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DEM-9PR
Features
D-sub Connector, Cable side connector, 9 pos., Pin
Part Number
DEM-9PR
Status
Pending Obsolescence
Number of Positions
9 pos.
Contact Pitch (mm)
  
Rated Current (A)
5
Rated Voltage (V)
  
Applicable Specifications
  
Waterproof/ Non-waterproof
  
Applications
  
Connector Type
Cable side connector
Connector Style
  
Contact Type
Pin
Wire Termination Style
Soldering
Applicable Wire Size (AWG)
#20 AWG max.
EMI Shielded
Not Applicable
PCB Mounting Style
  
Product Details


Similar Part No. - DEM-9PR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEM-9P ITT-DEM-9P Datasheet
44Kb / 1P
D*M High reliable D-Sub Connectors
DEM-9P-A101 ITT-DEM-9P-A101 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DEM-9P-NMB-76 ITT-DEM-9P-NMB-76 Datasheet
9Mb / 301P
D Subminiature Connectors
DEM-9P-NMB-K52 ITT-DEM-9P-NMB-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DEM-9P-NMC-K52 ITT-DEM-9P-NMC-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DEM-9PR

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070261MR SUYIN-USA-070261MR Datasheet
126Kb / 1P
D-SUB 9 PIN MALE CONNECTOR
logo
Assmann Electronics Inc...
AK178-3 ASSMANN-AK178-3 Datasheet
46Kb / 1P
D-Sub 9 Pin Male <=> D-Sub 9 Pin Female
logo
Adam Technologies, Inc.
DE09-HDLB-AL-SS-394 ADAM-TECH-DE09-HDLB-AL-SS-394 Datasheet
70Kb / 1P
HOOD D-SUB 9 POS
DE09-SS-24 ADAM-TECH-DE09-SS-24 Datasheet
169Kb / 1P
D-SUB 9 POS FEMALE
DE09-SS-25 ADAM-TECH-DE09-SS-25 Datasheet
174Kb / 1P
D-SUB 9 POS FEMALE
logo
Japan Aviation Electron...
DC-37SA-NR JAE-DC-37SA-NR Datasheet
43Kb / 4P
D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
DELC-J9PAF-20L9E JAE-DELC-J9PAF-20L9E Datasheet
47Kb / 4P
D-Sub Connector, PCB side connector, Right angle, Pin, 9 pos.
DBU-25SF-F0 JAE-DBU-25SF-F0 Datasheet
46Kb / 4P
D-Sub Connector, 25 pos., Cable side connector
logo
Molex Electronics Ltd.
834219039 MOLEX-834219039 Datasheet
71Kb / 1P
CABLE ASSEMBLY CMD 9 POS SOCKET TO 9 POS D-SUB SOCKET
2012/03/03
834249062 MOLEX-834249062 Datasheet
155Kb / 2P
CABLE ASSEMBLY CMD 25 POS SOCKET TO 725 POS D-SUB PIN
05/04/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com