Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIML-0402HP-R27 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIML-0402HP-R27
Description  Miniature Ferrite Multilayer Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIML-0402HP-R27 Datasheet(HTML) 1 Page - Abracon Corporation

  AIML-0402HP-R27 Datasheet HTML 1Page - Abracon Corporation AIML-0402HP-R27 Datasheet HTML 2Page - Abracon Corporation AIML-0402HP-R27 Datasheet HTML 3Page - Abracon Corporation AIML-0402HP-R27 Datasheet HTML 4Page - Abracon Corporation AIML-0402HP-R27 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Miniature Ferrite Multilayer Power Inductor
AIML-0402HP
1.0 x 0.5 x 0.5 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/25/2024
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Part Number
Inductance
Tolerance
DC
Resistance
Saturation
Current
Temperature
Rise Current
0.1MHz/1.0V
Max
Typ.
Typ.
Units
µH
%
Ω
mA
mA
Symbol
L
M,K
DCR
Isat
Irms
AIML-0402HP-77N
0.077
M, K
0.27
900
700
AIML-0402HP-96N
0.096
M, K
0.35
750
600
AIML-0402HP-R10
0.10
M, K
0.35
700
600
AIML-0402HP-R11
0.11
M, K
0.39
650
500
AIML-0402HP-R12
0.12
M, K
0.39
650
500
AIML-0402HP-R13
0.13
M, K
0.39
600
500
AIML-0402HP-R14
0.14
M, K
0.45
600
450
AIML-0402HP-R15
0.15
M, K
0.45
600
450
AIML-0402HP-R16
0.16
M, K
0.52
550
400
AIML-0402HP-R18
0.18
M, K
0.58
500
400
AIML-0402HP-R20
0.20
M, K
0.58
480
400
AIML-0402HP-R22
0.22
M, K
0.58
480
400
AIML-0402HP-R27
0.27
M, K
0.65
450
350
AIML-0402HP-R33
0.33
M, K
0.65
400
350
AIML-0402HP-R39
0.39
M, K
0.97
400
300
AIML-0402HP-R47
0.47
M, K
0.97
300
300
AIML-0402HP-R56
0.56
M, K
1.4
300
250
AIML-0402HP-1R0
1.0
M, K
0.39
150
500
AIML-0402HP-2R2
2.2
M, K
0.55
100
350
 Monolithic structure for higher reliability, compact
size, & lightweight
 Magnetically shielded design to eliminate cross
coupling
 Excellent solderability and heat resistance for reflow
soldering
 Perfect shape for PCB mounting with no polarity
 AR/VR Headsets
 Hearing Aids
 Fitness Devices
 Medical Monitoring Devices
 GPS Asset Tracking
Electrical Specifications
Applications
Features


Similar Part No. - AIML-0402HP-R27

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0402-1R0 ABRACON-AIML-0402-1R0 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0402-1R2 ABRACON-AIML-0402-1R2 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0402-1R5 ABRACON-AIML-0402-1R5 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0402-1R8 ABRACON-AIML-0402-1R8 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
More results

Similar Description - AIML-0402HP-R27

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MCL1JHT KOA-MCL1JHT Datasheet
139Kb / 3P
multilayer ferrite inductor
logo
XFMRS Inc.
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
MULTILAYER FERRITE CHIP INDUCTOR
logo
List of Unclassifed Man...
CB05YTYN102 ETC2-CB05YTYN102 Datasheet
141Kb / 8P
Multilayer Ferrite Chip Bead Inductor
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
MULTILAYER FERRITE CHIP INDUCTOR
XFEI2012 XFMRS-XFEI2012_15 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0603 ABRACON-AIML-0603 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.26.12
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com