Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000A Datasheet(PDF) 2 Page - Semikron International

Part # P2000A
Description  Standard silicon rectifier diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

P2000A Datasheet(HTML) 2 Page - Semikron International

  P2000A Datasheet HTML 1Page - Semikron International P2000A Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 1 Forward characteristics (typical values)
Fig. 2 Rated forward current vs. amb. temperature
1)
Fig. 3 I
FSM
current versus number of cycles at 50 Hz
Fig. 4 Thermal resistance versus length from case
P 2000 A ... P 2000 M
2
09-03-2007 MAM
© by SEMIKRON



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com