Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGA2W331MELB35 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGA2W331MELB35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGA2W331MELB35 Datasheet(HTML) 1 Page - Nichicon corporation

  LGA2W331MELB35 Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
LGA Snap-inTerminalType,105°CHighRippleCurrent,LongLife
High Capacitance, High Ripple Current, Long Life.
Withstanding 5000 hours application of rated ripple current at 105°C.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
L
1
G
2
A
3
2
4
W
5
1
6
5
7
1
8
M
9
E
10
L
11
A 2 5
12 13 14
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (150µF)
Rated voltage (450V)
Series name
Type
φD
25
30
Code
A
B
2
×φ2±0.1
10
±0.1
0.8 +0.2
-0.1
0.8
+0.2
-0.1
1.5
+0.2
-0.1
Sleeve (PET)
(10
)
L + 3 / −1
 4.0±0.5
L
1
G
2
A
3
2
4
W
5
1
6
5
7
1
8
M
9
E
10
L
11
A 2 5
12 13 14
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (150µF)
Rated voltage (450V)
Series name
Type
φD
25
30
Code
A
B
2
×φ2±0.1
10
±0.1
0.8 +0.2
-0.1
0.8
+0.2
-0.1
1.5
+0.2
-0.1
Sleeve (PET)
(10
)
L + 3 / −1
4.0±0.5
Drawing
Type numbering system (Example : 450V 150µF)
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.
Tangent of loss angle (tan δ)
Within ±20% of the initial capacitance value
Performance Characteristics
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Shelf Life
Marking
Item
–
40 to +105°C
450V
150 to 560µF
± 20% at 120Hz, 20°C
0.20max. 120Hz at 20°C
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 5000 hours at 105°C, the peak
voltage shall not exceed the rated voltage.
After storig the capacitors under no load at 105°C for
1000 hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C, they shall meet the
requirements listed at right.
Capacitance change
Leakage current
tan δ
Within ±15% of the initial capacitance value
Less than or equal to the initial specified value
150% or less than the initial specified value
Capacitance change
Leakage current
tan δ
Less than or equal to the initial specified value
200% or less than the initial specified value
3 CV
3 CV
3 CV
LGW
LGA
Smaller
High Ripple
Current
Rated voltage (V)
Impedance ratio
(max.)
450
Z(– 25°C) / Z(+20°C)
8
Dimensions
450V (2W)
Cap.
(µF)
Size
φD
× L(mm)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
150
25
× 25
1100
0.77
LGA2W151MELA25
180
25
× 30
1320
0.85
LGA2W181MELA30
220
25
× 35
1540
0.94
LGA2W221MELA35
30
× 25
1590
0.94
LGA2W221MELB25
270
25
× 40
1770
1.04
LGA2W271MELA40
30
× 30
1900
1.04
LGA2W271MELB30
330
25
× 45
1980
1.15
LGA2W331MELA45
30
× 35
2230
1.15
LGA2W331MELB35
390
25
× 50
2200
1.25
LGA2W391MELA50
30
× 40
2530
1.25
LGA2W391MELB40
470
30
× 45
2850
1.37
LGA2W471MELB45
560
30
× 50
3180
1.50
LGA2W561MELB50
Leakage Current (mA) at after 5 minutes' application of rated voltage at 20°C
Rated ripple current (mArms) at 105°C 120Hz
Measurement frequency : 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz)
50
60
120
300
1 k
10k
50k or more
Coefficient
0.77 0.82 1.00 1.16 1.30 1.41
1.43
Sep. 2024
NEW


Similar Part No. - LGA2W331MELB35

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LGA2011 DELTA-LGA2011 Datasheet
1Mb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
Emerson Network Power
LGA20C-00SADJXJ EMERSON-NETWORKPOWER-LGA20C-00SADJXJ Datasheet
1Mb / 28P
Embedded Power Device
logo
Artesyn Technologies
LGA20C-01SADJJ ARTESYN-LGA20C-01SADJJ Datasheet
712Kb / 4P
3, 6, 10 and 20 A output current rating Power
LGA20C-01SADJJ ARTESYN-LGA20C-01SADJJ Datasheet
712Kb / 4P
15 - 100 Watts POWER
logo
Emerson Network Power
LGA20C-01SADJXJ EMERSON-NETWORKPOWER-LGA20C-01SADJXJ Datasheet
1Mb / 28P
Embedded Power Device
More results

Similar Description - LGA2W331MELB35

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com