Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHT Datasheet(PDF) 1 Page - Nichicon corporation

Part # LHT
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LHT Datasheet(HTML) 1 Page - Nichicon corporation

  LHT Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
LHT Snap-inTerminalType,125°CWideTemperatureRange
Drawing
10±0.1
2
×φ2±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
(10
)
L±2.5
4.0±0.5
Pressure relief vent
Sleeve (Polyolefin)
Type numbering system (Example : 450V 220µF)
L
1
H
2
T
3
2
4
W
5
2
6
2
7
1
8
M
9 10
E
13
L
11
14
B
12
3 0
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (220µF)
Rated voltage (450V)
Series name
Type
φD
30
Code
B
35
C
Frequency coefficient of rated ripple current
Frequency (Hz)
50
60
120
300
1 k
10k
50k or more
Coefficient
0.77 0.82 1.00 1.16 1.30 1.41
1.43
Specifications
Performance Characteristics
Item
Rated Voltage Range
Marking
Category Temperature Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
– 40 to +125°C
450V
220 to 680µF
±
20% at 120Hz, 20°C
Printed with white color letter on black sleeve.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 3000 hours at 125°C, the
peak voltage shall not exceed the rated voltage.
0.20max. 120Hz at 20°C
Impedance ratio
 Z(–25°C) / Z(+20°C)
8 (120Hz)
Less than or equal to the initial specified value
Within ± 20% of the initial capacitance value
Leakage current
Capacitance change
tan δ
200% or less than the initial specified value
Less than or equal to the initial specified value
Within ± 15% of the initial capacitance value
Leakage current
Capacitance change
tan δ
150% or less than the initial specified value
Shelf Life
After storing the capacitors under no load at 125°C for
1000 hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C, they shall meet the
requirements listed at right.
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
3 CV
3 CV
3 CV
LHT
LGN
wide
temperature
range
Dimensions
450V (2W)
Cap.
(µF)
Size
φD
× L(mm)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
220
30
× 30
1120
0.94
LHT2W221MELB30
270
30
× 35
1270
1.04
LHT2W271MELB35
35
× 30
1340
1.04
LHT2W271MELC30
330
30
× 45
1480
1.15
LHT2W331MELB45
35
× 35
1510
1.15
LHT2W331MELC35
390
30
× 50
1640
1.25
LHT2W391MELB50
35
× 40
1700
1.25
LHT2W391MELC40
470
30
× 55
1840
1.37
LHT2W471MELB55
35
× 45
1910
1.37
LHT2W471MELC45
560
35
× 50
2130
1.50
LHT2W561MELC50
680
35
× 60
2430
1.65
LHT2W681MELC60
Rated ripple current (mArms) at 125°C 120Hz
Wide temperature range of LGN.
Contributing to high temperature support of equipment.
Compliant of the RoHS directive (2011/65/EU,(EU)2015/863).
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.
CAT.8100N


Similar Part No. - LHT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
LHT-XX-TS ADAM-TECH-LHT-XX-TS Datasheet
73Kb / 1P
WIRE TO BOARD HEADER STRAIGHT
logo
Siemens Semiconductor G...
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LHT674 OSRAM-LHT674 Datasheet
516Kb / 21P
Optical Indicator
logo
Siemens Semiconductor G...
LHT674-KM SIEMENS-LHT674-KM Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHT674-L SIEMENS-LHT674-L Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
More results

Similar Description - LHT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com