Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGC2H331MELC35 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGC2H331MELC35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGC2H331MELC35 Datasheet(HTML) 1 Page - Nichicon corporation

  LGC2H331MELC35 Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
LGC Snap-inTerminalType,
105°C Long Life Assurance, Ultra-Smaller-Sized
One rank smaller case sized than LGX.
Suited for equipment down sizing.
Compliant of the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Drawing
L
1
G
2
M
3
2
4
M
5
1
6
8
7
1
8
M
9 10
E
13
L
11
14
A
12
2 5
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (180µF)
Rated voltage (450V)
Series name
Type
φD
22
25
30
Code
Z
A
B
35
C
10±0.
1
2
×φ2±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
(10
)
L±2.5
4.0±0.5
Pressure relief vent
Sleeve (PET)
Type numbering system (Example : 500V 100µF)
L
1
G
2
C
3
2
4
H
5
1
6
0
7
1
8
M
9 10
E
13
L
11
14
Z
12
3 0
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (100µF)
Rated voltage (500V)
Series name
Type
φD
22
25
30
Code
Z
A
B
35
C
10
0.1
2-2φ± 0.1
(Terminal dimensions)
The other terminal is also available upon request.
Please refer page 263 for schematic of dimensions.
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
10
L 2
4.0 0.5
Pressure relief vent
Sleeve (P.E.T.)
Smaller
LGC
LGX
Dimensions
Frequency coefficient of rated ripple current
Frequency (Hz)
50
60
120
300
1 k
10k
50k or more
Coefficient
0.77 0.82 1.00 1.16 1.30 1.41
1.43
Performance Characteristics
Item
Rated Voltage Range
Marking
Category Temperature Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
– 40 to +105°C
500V
68 to 680µF
±
20% at 120Hz, 20°C
Printed with white color letter on black sleeve.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 5000 hours at 105°C, the
peak voltage shall not exceed the rated voltage.
0.25max. 120Hz at 20°C
Impedance ratio
 Z(–25°C) / Z(+20°C)
8 (120Hz)
Less than or equal to the initial specified value
Within ± 20% of the initial capacitance value
Leakage current
Capacitance change
tan δ
200% or less than the initial specified value
Less than or equal to the initial specified value
Within ± 15% of the initial capacitance value
Leakage current
Capacitance change
tan δ
150% or less than the initial specified value
Shelf Life
After storing the capacitors under no load at 105°C for
1000 hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C, they shall meet the
requirements listed at right.
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
3 CV
3 CV
3 CV
500V (2H)
Cap.
(µF)
Size
φD
× L(mm)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
68
22
× 25
690
0.55
LGC2H680MELZ25
100
22
× 30
850
0.67
LGC2H101MELZ30
120
22
× 35
960
0.73
LGC2H121MELZ35
150
22
× 40
1110
0.82
LGC2H151MELZ40
25
× 30
1060
0.82
LGC2H151MELA30
180
22
× 45
1250
0.90
LGC2H181MELZ45
25
× 35
1200
0.90
LGC2H181MELA35
220
22
× 50
1400
0.99
LGC2H221MELZ50
25
× 40
1360
0.99
LGC2H221MELA40
30
× 30
1290
0.99
LGC2H221MELB30
35
× 25
1200
0.99
LGC2H221MELC25
270
22
× 60
1620
1.10
LGC2H271MELZ60
25
× 50
1600
1.10
LGC2H271MELA50
30
× 35
1480
1.10
LGC2H271MELB35
35
× 30
1430
1.10
LGC2H271MELC30
330
25
× 55
1780
1.21
LGC2H331MELA55
30
× 40
1670
1.21
LGC2H331MELB40
35
× 35
1630
1.21
LGC2H331MELC35
390
30
× 45
1850
1.32
LGC2H391MELB45
35
× 40
1820
1.32
LGC2H391MELC40
470
30
× 55
2140
1.45
LGC2H471MELB55
35
× 45
2020
1.45
LGC2H471MELC45
560
30
× 60
2340
1.58
LGC2H561MELB60
35
× 50
2230
1.58
LGC2H561MELC50
680
35
× 55
2440
1.74
LGC2H681MELC55
Rated ripple current (mArms) at 105°C 120Hz
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.
CAT.8100N


Similar Part No. - LGC2H331MELC35

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGC870-HL SIEMENS-LGC870-HL Datasheet
471Kb / 8P
Mini SIDELED
LGC870-J SIEMENS-LGC870-J Datasheet
471Kb / 8P
Mini SIDELED
LGC870-JM SIEMENS-LGC870-JM Datasheet
471Kb / 8P
Mini SIDELED
LGC870-K SIEMENS-LGC870-K Datasheet
471Kb / 8P
Mini SIDELED
LGC870-L SIEMENS-LGC870-L Datasheet
471Kb / 8P
Mini SIDELED
More results

Similar Description - LGC2H331MELC35

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com