Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAQ2P331MELZ40 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LAQ2P331MELZ40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAQ2P331MELZ40 Datasheet(HTML) 1 Page - Nichicon corporation

  LAQ2P331MELZ40 Datasheet HTML 1Page - Nichicon corporation LAQ2P331MELZ40 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Tangent of loss angle (tan δ)
(Terminal dimensions)
(PC board hole dimensions)
L
1
A
2
Q
3
2
4
D
5
6
6
8
7
1
8
M
9
E
10
L
11
A
12
4
13
0
14
15 16
Configuration
Case dia. code
Case length code
Bottom Plate
Rated capacitance (680µF)
Rated voltage (200V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
ZB
code less
With Bottom
Plate
Without
Bottom Plate
Capacitance tolerance (±20%)
Polarity bar
(10
)
L±2
4.0±0.5
Pressure relief vent
Bottom plate
(code ZB only)
Sleeve (PET)
Please contact to us if other configurations are required.
10
±0.1
2
×φ2±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8 +0.2
-0.1
Within ±20% of the initial capacitance value
Within ±15% of the initial capacitance value
Drawing
Type numbering system (Example : 200V 680µF)
LAQSnap-inTerminalType, 105°CPermissibleAbnormalVoltage,
Smaller-sized
Withstanding 2000 hours application of rated ripple current of 105°C.
Extended voltage range at 200V, 220V and 400V.
Smaller case sizes and higher ripple current than LAK.
Improved safety features for abnormally excessive voltage.
Ideally suited for the equipment used at voltage fluctuating area.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Shelf Life
Safety Performance
Marking
Performance Characteristics
Item
–
25 to +105°C
200 • 220 • 400V
33 to 1500µF
± 20% at 120Hz, 20°C
0.20max. 120Hz at 20°C
Printed with white color letter on black sleeve
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 2000 hours at 105°C, the
peak voltage shall not exceed the rated voltage.
After storing the capacitors under no load at 105°C for 1000
hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
The pressure relief vent will operate in normal conditions, with no dangerous conditions such as flames, ignitions or dispersion of pieces of the capacitor and / or case.
Rating
Voltage (V)
200
Rated Capacitance (µF)
330
C < 330
330
C < 470
470
C < 470
Limited DC current
Test voltage
4 A
5 A
7 A
300VDC and 375VDC
Test conditions
LAQ
Smaller
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
Rated voltage (V)
Impedance ratio (max.)
Z(– 25°C) / Z(+20°C)
200 • 220 • 400
8
220
330
C < 330
330
C < 470
470
C < 470
4 A
5 A
7 A
320VDC and 405VDC
400
330
C < 100
100
C < 220
220
C < 470
2 A
4 A
7 A
500VDC and 600VDC
Capacitance change
Leakage current
tan δ
Less than or equal to the initial specified value
200% or less than the initial specified value
Capacitance change
Leakage current
tan δ
Less than or equal to the initial specified value
150% or less than the initial specified value
3 CV
3 CV
3 CV
Dimension table in next page.
LAK
Measurement frequency : 120Hz
CAT.8100N


Similar Part No. - LAQ2P331MELZ40

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2P331MEL NICHICON-LAQ2P331MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LAQ2P331MELZ40

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com